Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP0J155M Datasheet(PDF) 2 Page - Rohm

Part # TCFGP0J155M
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP0J155M Datasheet(HTML) 2 Page - Rohm

  TCFGP0J155M Datasheet HTML 1Page - Rohm TCFGP0J155M Datasheet HTML 2Page - Rohm TCFGP0J155M Datasheet HTML 3Page - Rohm TCFGP0J155M Datasheet HTML 4Page - Rohm TCFGP0J155M Datasheet HTML 5Page - Rohm TCFGP0J155M Datasheet HTML 6Page - Rohm TCFGP0J155M Datasheet HTML 7Page - Rohm TCFGP0J155M Datasheet HTML 8Page - Rohm TCFGP0J155M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TCFG series
Tantalum capacitors
2/15
!
!
!
!
Capacitance range
TCFG series
µF
Raited voltage
(V.DC)
4
0G
1.0
P,A
A
1.5
A
2.2
P,A
P,A
P
P
P
A
3.3
P,A
P
P
P,A
A,B
4.7
P,A
P,A
P,A,B
A,B
6.8
P,A
10
P,A
P,A
P,A,B
A,B
A,B
A,B
A,B
B
B
15
P,A,B
P,A,B
A,B
A,B
B
B
22
P,A,B
A,B
33
A,B
A,B
B
B
B
47
A,B
B
B
68
100
6.3
0J
10
1A
16
1C
20
1D
∗Please contact us about this product.
typical example
P case
A case
B case
j J
- -
AA
j 106
YAA
10
16V
YAA
(2012)
(3216)
(3528)
Valtge code
Capacitance
Valtge code
Valtge code
Capacitance
Capacitance


Similar Part No. - TCFGP0J155M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP0J155M8R ROHM-TCFGP0J155M8R Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFGP0J155M8R ROHM-TCFGP0J155M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP0J155M8R ROHM-TCFGP0J155M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP0J155M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com