Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP0G156M Datasheet(PDF) 4 Page - Rohm

Part # TCP0G156M
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCP0G156M Datasheet(HTML) 4 Page - Rohm

  TCP0G156M Datasheet HTML 1Page - Rohm TCP0G156M Datasheet HTML 2Page - Rohm TCP0G156M Datasheet HTML 3Page - Rohm TCP0G156M Datasheet HTML 4Page - Rohm TCP0G156M Datasheet HTML 5Page - Rohm TCP0G156M Datasheet HTML 6Page - Rohm TCP0G156M Datasheet HTML 7Page - Rohm TCP0G156M Datasheet HTML 8Page - Rohm TCP0G156M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
4/13
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
Repetition : 5 cycles
(1 cycle : steps 1~4) without discontinuation.
Temp.
Time
Temperature
cycle
There should be no significant abnormality.
Appea-
rance
∆C / C
Df
(tan
δ)
Df
(tan
δ)
L.C
Moisture
resistance
Appea-
rance
Appea-
rance
∆C / C
L.C
1
2
3
4
−55 3 C
Room temp.
125 2 C
Room temp.
30 3min
3min.or less
30 3min
3min.or less
There should be no significant abnormality.
The indications should be
Temperature
Stebility
Temp.
−55 C
∆C / C
Df
(tan
δ)
L.C
Temp.
+85 C
∆C / C
L.C
5
µA or 0.1CV whitchever is greater
∆C / C
L.C
6.3
µA or 0.125CV whitchever is greater
Temp.
+125 C
Df
(tan
δ)
Shall be satisfied the voltage on " Standard list "
Shall be satisfied the voltage on " Standard list "
M case
M cas
A case
M case
M case
P case
P , A case
P , A case
+−
P case
A case
M case
M case
P case
P , A case
A casr
M case
P case
A case
M , P case
M , P case
M , P case
M , P case
M case
P case
A case
A case
A case
A case
+−
+−
+−
+−
Surge
voltage
There should be no significant avnormality.
∆C / C
L.C
+−
+−
+−
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60 2 C and 90 to 95% RH,respectiveiy,for 500 12h
leave it at room
temperature for 1 to 2h and then measure the
sample.
Shall be satisfied the voltage on " Standard list "
Df
(tan
δ)
Df
(tan
δ)
Apply the spesified sergevoltage every 5 0.5 min.
for 30 5 s. each time in the atmospheric condition
of 85 2 C.
Repeat this rocedure 1,000 times.
Less than 200% of initial limit
Less than 200% of initial limit
Less than 200% of initial limit
Less than 200% of initial limit
Less than 150% of initial limit
Less than 150% of initial limit
Less than initial limit
Less than initial limit
Less than initial limit
Shall be satisfied the value in Item No.6
Less than initial limit
Within 20% of initial limit
+−
Within 20% of initial value
+−
Within 10% of initial value
+−
Within 20% of initial limit
+−
Within 10% of initial limit
15~22
µF: within 20% of initial value
+−
1~10
µF: within 10% of initial value
+−
TCA1A226
, TCA0J476
:
Within 15% of intial value
Others
+−
Within 10% of initial value
:
+−
Within 0/
−15% of initial value
Within
+15/0 of initial value
Within
+20/0 of initial value
Within
+15/0% of initial value
Within 0/
−12% of initial value
Within
+12/0% of initial value
Less than 200% of initial limit
Less than initial limit
Less than 200% of initial limit
Less than 150% of initial limit


Similar Part No. - TCP0G156M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCP0G156M8R ROHM-TCP0G156M8R Datasheet
102Kb / 12P
   Chip tantalum capacitors
TCP0G156M8R ROHM-TCP0G156M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCP0G156M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com