Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM6161002CL Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KM6161002CL
Description  64K x 16 Bit High-Speed CMOS Static RAM (5.0V Operating) Operated at Commercial and Industrial Temperature Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6161002CL Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KM6161002CL Datasheet HTML 2Page - Samsung semiconductor KM6161002CL Datasheet HTML 3Page - Samsung semiconductor KM6161002CL Datasheet HTML 4Page - Samsung semiconductor KM6161002CL Datasheet HTML 5Page - Samsung semiconductor KM6161002CL Datasheet HTML 6Page - Samsung semiconductor KM6161002CL Datasheet HTML 7Page - Samsung semiconductor KM6161002CL Datasheet HTML 8Page - Samsung semiconductor KM6161002CL Datasheet HTML 9Page - Samsung semiconductor KM6161002CL Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image


Similar Part No. - KM6161002CL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6161002A SAMSUNG-KM6161002A Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-12 SAMSUNG-KM6161002A-12 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-15 SAMSUNG-KM6161002A-15 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-20 SAMSUNG-KM6161002A-20 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002AI SAMSUNG-KM6161002AI Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
More results

Similar Description - KM6161002CL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com