Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME4311 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME4311
Description  Low Voltage Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4311 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME4311 Datasheet HTML 1Page - Analog Microelectronics AME4311 Datasheet HTML 2Page - Analog Microelectronics AME4311 Datasheet HTML 3Page - Analog Microelectronics AME4311 Datasheet HTML 4Page - Analog Microelectronics AME4311 Datasheet HTML 5Page - Analog Microelectronics AME4311 Datasheet HTML 6Page - Analog Microelectronics AME4311 Datasheet HTML 7Page - Analog Microelectronics AME4311 Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AME, Inc.
1
AME4311
Low Voltage Shunt Regulator
n Functional Block Diagram
l Small packages: SOT-23, SOT-25, TO-92
l Low voltage operation, 1.24V
l Tight voltage tolerance --- ±0.5%,±1.0%, ±1.5%
l Wide operating current ------- 80µA to 15mA
l Wide temperature range ----- -40oC to +85oC
l Low temperature coefficient --100ppm/oC(max)
l Excellent transient response
The AME4311 is a low volatge version of the industry
standard 431 shunt regulator. The AME4311 reference is
set to 1.24 volts. The output voltage can be set to any
value between 1.24V and 8V with two external resistors.
(For factory set internal feedback resistors see the
AME4312.) When used with an optocoupler these de-
vices are ideal for isolated 3.3V switching supplies.
Analog Microelectronics offers this part in a TO-92 pack-
age as well as the space saving SOT-23 and SOT-25
packages.
For isolated switching power supplies requiring volt-
ages lower than 2.7V see the AME4315.
l Battery Operating Equipments
l Adjustable Supplies
l Switching Power Supplies
l Error Amplifiers
l Single Supply Amplifier
n General Description
n Features
n Applications
V+
GND
REF
V
R=1.24
n Pin Configuration
SOT-25
Top View
TO-92
Top View
V+
GND
REF
V+ GND REF
SOT-23
Top View
REF
V+
GND
l Monitors / VCR / TV
l Personal Computers


Similar Part No. - AME4311

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431B AME-AME431B Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
AME431B-1.24V AME-AME431B-1.24V Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431B-2.5V AME-AME431B-2.5V Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA12 AME-AME431BAJATA12 Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
AME431BAJATA12Z AME-AME431BAJATA12Z Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME4311

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com