Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8428D-70 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8428D-70
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8428D-70 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8428D-70 Datasheet HTML 2Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 3Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 4Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 5Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 6Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 7Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 8Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 9Page - National Semiconductor (TI) DP8428D-70 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Pin Definitions (Continued)
B0 B1 Bank Select Inputs –
These pins are decoded to
enable one or two of the four RAS outputs during an access
(see Table I and Table II)
TABLE I DP8429 Memory Bank Decode
Bank Select
(Strobed by ADS)
Enabled RASn
B1
B0
0
0
RAS0
0
1
RAS1
1
0
RAS2
1
1
RAS3
TABLE II DP8428 Memory Bank Decode
Bank Select
(Strobed by ADS)
Enabled RASn
B1
NC
0
X
RAS0
RAS1
1
X
RAS2
RAS3
Conditions for All Modes
INPUT ADDRESSING
The address block consists of a row-address latch a col-
umn-address latch and a resettable refresh counter The
address latches are fall-through when ADS is high and latch
when ADS goes low If the address bus contains valid ad-
dresses until after CAS goes low at the end of the memory
cycle ADS can be permanently high Otherwise ADS must
go low while the addresses are still valid
DRIVE CAPABILITY
The DP8429 has timing parameters that are specified driv-
ing the typical capacitance (including traces) of 88 5V-only
DRAMs Since there are 4 RAS outputs each is specified
driving one-fourth of the total memory CAS WE and the
address outputs are specified driving all 88 DRAMs
The graph in
Figure 10 may be used to determine the slight
variations in timing parameters due to loading conditions
other than 88 DRAMs
Because of distributed trace capacitance and inductance
and DRAM input capacitance current spikes can be creat-
ed causing overshoots and undershoots at the DRAM in-
puts that can change the contents of the DRAMs or even
destroy them To reduce these spikes a damping resistor
(low inductance carbon) should be inserted between the
DP8429 outputs and the DRAMs as close as possible to
the DP8429 The damping resistor values may differ de-
pending on how heavily an output is loaded These resistors
should be determined by the first prototypes (not wire-
wrapped due to the larger distributed capacitance and in-
ductance) Resistors should be chosen such that the tran-
sition on the control outputs is critically damped Typical
values will be from 15X to 100X with the lower values be-
ing used with the larger memory arrays Note that AC pa-
rameters are specified with 15X damping resistors For
more information see AN-305 ‘‘Precautions to Take When
Driving Memories’’
DP8429 DRIVING ANY 256k or 1M DRAMS
The DP8429 can drive any 256k or 1M DRAMs 256k
DRAMs require 18 of the DP8429’s address inputs to select
one memory location within the DRAM RAS-only refreshing
with the nine-bit refresh-counter on the DP8429 makes CAS
before RAS refreshing available on 256k DRAMs unneces-
sary (see
Figure 1a )
1 Mbit DRAMs require the use of all 10 of the DP8429 Ad-
dress Outputs (see
Figure 1b )
READ WRITE AND READ-MODIFY-WRITE CYCLES
The output signal WE determines what type of memory
access cycle the memory will perform If WE is kept high
while CAS goes low a read cycle occurs If WE goes low
before CAS goes low a write cycle occurs and data at DI
(DRAM input data) is written into the DRAM as CAS goes
low If WE goes low later than tCWD after CAS goes low first
a read occurs and DO (DRAM output data) becomes valid
then data DI is written into the same address in the DRAM
as WE goes low In this read-modify-write case DI and DO
cannot be linked together WE always follows WIN directly
to determine the type of access to be performed
POWER-UP INITIALIZE
When VCC is first applied to the DP8429 an initialize pulse
clears the refresh counter and the internal control flip-flops
Mode Features Summary
Y
4 modes of operation 2 access and 2 refresh
Y
Automatic or external selected by the user
Y
Auto access mode provides RAS
row to column
change and then CAS automatically
Y
Choice between two different values of tRAH in auto-ac-
cess mode
Y
CAS controlled independently in external control mode
allowing for nibble mode accessing
Y
Automatic refreshing can make refreshes transparent to
the system
Y
CAS is inhibited during refresh cycles
6


Similar Part No. - DP8428D-70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-20 NSC-DP8420AV-20 Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-25 NSC-DP8420AV-25 Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V-33 NSC-DP8420V-33 Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
More results

Similar Description - DP8428D-70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
   64k, 256k Dynamic RAM Controller/Drivers
logo
Texas Instruments
THCT4502B TI-THCT4502B Datasheet
127Kb / 2P
[Old version datasheet]   DYNAMIC RAM CONTROLLER
logo
National Semiconductor ...
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
   64K DYNAMIC RAM CONTROLLER
logo
Siemens Semiconductor G...
HYB511000BJ- SIEMENS-HYB511000BJ- Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Toshiba Semiconductor
TC514101J TOSHIBA-TC514101J Datasheet
676Kb / 23P
   4,194,304 x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com