Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA1C225K Datasheet(PDF) 9 Page - Rohm

Part # TCA1C225K
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA1C225K Datasheet(HTML) 9 Page - Rohm

Back Button TCA1C225K Datasheet HTML 5Page - Rohm TCA1C225K Datasheet HTML 6Page - Rohm TCA1C225K Datasheet HTML 7Page - Rohm TCA1C225K Datasheet HTML 8Page - Rohm TCA1C225K Datasheet HTML 9Page - Rohm TCA1C225K Datasheet HTML 10Page - Rohm TCA1C225K Datasheet HTML 11Page - Rohm TCA1C225K Datasheet HTML 12Page - Rohm TCA1C225K Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
9/13
Packaging specifications
Tape [ M case ]
Reel [ M case ]
Case
M
A 0.1
+−
B 0.1
+−
W 0.2
+−
E 0.1
+−
F 0.05
+−
P1 0.1
+−
P2 0.05
+−
P0 0.1
+−
1.0
1.85
8.0
1.75
3.5
4.0
2.0
4.0
Unit : [mm]
11.4 1.0
Label sticking position
EIAJ ET
−7002A
pull direction
+−
A
B
Sprolet hold
φ Do
P1
P2
P0
E
F
W
Sprolet hole
φDo
t1
t2
Pull-out direction
B
A
Tape [ P.A case ]
Reek [ P.A case ]
P1
P2
P3
E
F
W
Component is loadee
Unit : [mm]
11.4 1.0
Labelsticling position
EIAJ ET
−7002A
Pull direction
+−
Case
P
A
A 0.1
+−
B 0.1
+−
W 0.1
+−
E 0.1
+−
F 0.1
+−
P1 0.1
+−
P2 0.05
+−
P0 0.1
+−
1.55
1.9
2.3
3.5
8.0
8.0
1.75
1.75
3.5
3.5
4.0
4.0
2.0
2.0
4.0
4.0
Packaging style
4,000pcs
3,000pcs
2,000pcs
Case code
package
Taping
M
P
A
Packaging style
plastic taping
φ180mmReel
Symbol
R
Basic ordering units


Similar Part No. - TCA1C225K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA1C225K8R ROHM-TCA1C225K8R Datasheet
105Kb / 12P
   Chip tantalum capacitors
More results

Similar Description - TCA1C225K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com