Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA1C685K Datasheet(PDF) 6 Page - Rohm

Part # TCA1C685K
Description  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA1C685K Datasheet(HTML) 6 Page - Rohm

Back Button TCA1C685K Datasheet HTML 2Page - Rohm TCA1C685K Datasheet HTML 3Page - Rohm TCA1C685K Datasheet HTML 4Page - Rohm TCA1C685K Datasheet HTML 5Page - Rohm TCA1C685K Datasheet HTML 6Page - Rohm TCA1C685K Datasheet HTML 7Page - Rohm TCA1C685K Datasheet HTML 8Page - Rohm TCA1C685K Datasheet HTML 9Page - Rohm TCA1C685K Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
6/13
Standard list, TC series
Part No.
22
0.5
4
2.5
5.2
4.7
6.8
0.5
10
TC M 0G 475
TC M 0G 106
TC M 0G 226
TC M 0J 475
TC M 0J 685
4.7
TC M 0J 106
10
0.6
TC M 1A 105
1.0
10
20
6.3
13
2.2
TC M 1A 225
6.3
4
8
0.5
TC M 1A 475
TC M 1C 105
4.7
1.0
0.5
10
16
−55 C
125 C
25 C
85 C
20
20
20
10
10
30
30
30
15
15
30
30
30
15
15
(
Ω)
9.0
9.0
9.0
13.5
15.0
15.0
20
+−
20
+−
20
+−
20
+−
< M case : 1608 size >
1.8
=Tolerance (M :
)
+−20%
Rated
Voltage
85 C
(V)
Category
Voltage
125 C
(V)
Surge
Voltage
85 C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Df
120Hz
(%)
Impedance
100kHz
Leakage
Current
25 C
1WV
5min
(
µA)


Similar Part No. - TCA1C685K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA1C685K8R ROHM-TCA1C685K8R Datasheet
105Kb / 12P
   Chip tantalum capacitors
More results

Similar Description - TCA1C685K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com