Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S8200-6TI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC42S8200-6TI
Description  1Meg x 8 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S8200-6TI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC42S8200-6TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S8200-6TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
1+" 5& 
Integrated Circuit Solution Inc.
5
DR018-0A 07/10/2001
DC ELECTRICAL CHARACTERISTICS (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
0V < VIN < VCC, with pins other than
–5
5
µA
the tested pin at 0V
IOL
Output Leakage Current
Output is disabled
–10
10
µA
0V < VOUT < VCC
VOH
Output High Voltage Level
IOUT = –2 mA
2.4
—
V
VOL
Output Low Voltage Level
IOUT = +2 mA
—
0.4
V
ICC1
Operating Current(1,2)
One Bank Operation, CAS latency = 3
-6
—
145
mA
Burst Length=1
-7
—
140
mA
tRC > tRC (min.)
-8
—
135
mA
IOUT = 0mA
ICC2
Precharge Standby Current
CKE < VIL (MAX)tCK = tCK (MIN
—
2
mA
(In Power-Down Mode)
ICC3
Active Standby Current
CKE > VIH (MIN)tCK = tCK (MIN
—6
45
mA
(In Non Power-Down Mode)
—
—7
40
mA
——8
35
mA
ICC4
Operating Current
tCK = tCK (MIN)
-6
—
140
mA
(In Burst Mode)(1)
IOUT = 0mA
-7
—
130
mA
-8
—
100
mA
ICC5
Auto-Refresh Current
tRC = tRC (MIN)-6
—
90
mA
-7—
80
mA
-8—
70
mA
ICC6
Self-Refresh Current
CKE < 0.2V
—
—
1
mA
Notes:
1. These are the values at the minimum cycle time. Since the currents are transient, these values decrease as the cycle time
increases. Also note that a bypass capacitor of at least 0.01 µ. should be inserted between Vcc and GND for each
memory chip to suppress power supply voltage noise (voltage drops) due to these transient currents.
2. Icc1 and Icc4 depend on the output load.


Similar Part No. - IC42S8200-6TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S81600 ICSI-IC42S81600 Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-6TG ICSI-IC42S81600-6TG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-6TIG ICSI-IC42S81600-6TIG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-7TG ICSI-IC42S81600-7TG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S81600-7TIG ICSI-IC42S81600-7TIG Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S8200-6TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S81600 ICSI-IC42S81600 Datasheet
1Mb / 69P
   4(2)M x 8(16) Bits x 4 Banks (128-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com