Electronic Components Datasheet Search |
|
TCA0J335M Datasheet(PDF) 3 Page - Rohm |
|
TCA0J335M Datasheet(HTML) 3 Page - Rohm |
3 / 14 page TC series Tantalum capacitors Rev.A 3/13 Characteristics Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101−3) Operating Temperature −55 C∼+125 C Maximum operating temperature with no voltage derating +85 C Rated voltage (VDC) 20 16 10 6.3 4 16 10 6.3 4 Category voltage (VDC) at 125 C at 85 C 10 6.3 4 2.5 13 10 6.3 4 2.5 Surge voltage (VDC) 26 20 20 13 13 8 8 5.2 5.2 DC Leakage current 0.5 µF or 0.01CV whichever is greater Shown in " Standard list " Tangent of loss angle (Df, tan δ) Impedance Appea- rance ∆C / C Df (tan δ) L.C. Shall be satisfied the voltage on " Standard list " Shall be satisfied allowance range. Shall be satisfied allowance range. Shall be satisfied the voltage on " Standard list " at 85 C M case M case M case M case M case M case Mcase P, Acase P, Acase P,Acase M case P,Acase P, Acase P,Acase Voltage reduction when temperature exceeds +85 C Capacitance tolerance +1.5~2V.DC Measuring frequency : 120 12Hz Measuring voltage : 0.5Vrms +− Measuring circut : DC Equivalent series circuit +1.5~2V.DC Measuring frequency : 120 12Hz Measuring frequency : 100 10kHz Measuring voltage : 0.5Vrms Measuring voltage : 0.5Vrms or less +− +− Measuring circut : DC Equivalent series circuit Resistance to Soldering heat There should be nosignificant abnormality. The indications should be clear. P case P case A case A case +− Dip in the solder bath Solder temp : 260 5 C Duration : 5 0.5s Repetition : 1 +− Ratedvoltage for 5min Rated voltage for 1min Less than 200% of initial limit Less than 200% of initial limit Less than 150% of initial limit Less than initial limit Shall be satisfied the value in Item No.6 Within 20% of initial value +− +−20% +−10%, +−20% 10% of initial value +− 5% of initial value +− |
Similar Part No. - TCA0J335M |
|
Similar Description - TCA0J335M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |