Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58641 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA58641
Description  High performance mixer FM IF system with high-speed RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58641 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA58641 Datasheet HTML 6Page - NXP Semiconductors SA58641 Datasheet HTML 7Page - NXP Semiconductors SA58641 Datasheet HTML 8Page - NXP Semiconductors SA58641 Datasheet HTML 9Page - NXP Semiconductors SA58641 Datasheet HTML 10Page - NXP Semiconductors SA58641 Datasheet HTML 11Page - NXP Semiconductors SA58641 Datasheet HTML 12Page - NXP Semiconductors SA58641 Datasheet HTML 13Page - NXP Semiconductors SA58641 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Objective data
SA58641
High performance mixer FM IF system
with high-speed RSSI
2004 Dec 16
10
PIN FUNCTIONS (continued)
11
14
20
400
µA
PIN
No.
PIN
MNEMONIC
DC V
EQUIVALENT CIRCUIT
PIN
No.
PIN
MNEMONIC
DC V
EQUIVALENT CIRCUIT
11
LIMITER
+1.35
16
IF
+1.22
AMP OUT
12
LIMITER
+1.23
17
IF AMP
+1.22
DECOUP
DECOUP
13
LIMITER
+1.23
18
IF
+1.22
AMP IN
COUPLING
14
LIMITER
+1.23
19
IF AMP
+1.22
DECOUP
IN
15
GND
0
20
MIXER
+1.03
OUT
OUT
8.8k
16
8.8k
140
13
12
330
50
µA
18
19
17
330
50
µA
110
SR00498
Figure 8.
Pin Functions (cont.)


Similar Part No. - SA58641

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58643 PHILIPS-SA58643 Datasheet
116Kb / 16P
   Excellent overload capability
Rev. 01-20 November 2006
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
SA58646BD NXP-SA58646BD Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
More results

Similar Description - SA58641

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com