Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58641DK Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA58641DK
Description  High performance mixer FM IF system with high-speed RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58641DK Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA58641DK Datasheet HTML 7Page - NXP Semiconductors SA58641DK Datasheet HTML 8Page - NXP Semiconductors SA58641DK Datasheet HTML 9Page - NXP Semiconductors SA58641DK Datasheet HTML 10Page - NXP Semiconductors SA58641DK Datasheet HTML 11Page - NXP Semiconductors SA58641DK Datasheet HTML 12Page - NXP Semiconductors SA58641DK Datasheet HTML 13Page - NXP Semiconductors SA58641DK Datasheet HTML 14Page - NXP Semiconductors SA58641DK Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Objective data
SA58641
High performance mixer FM IF system
with high-speed RSSI
2004 Dec 16
11
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
RSSI
MIXER
QUAD
C19
C18
SW5
C13
C15
FLT1
0.1
µF
6.8
µF 10V
160pF select
1000pF
39pF select
0.1
µF
1
µF
C14
C15
C18
C19
C20
C21
L1
L2
L3
L4
L5
FLT1
0.1
µF
1000pF
10.7MHz (Murata SFE10.7MA5-A)
1.27–2.25
µH select for mixer
5.6
µH select for input match
22nH select for input match
1000pF
C1
C2
C3
C4
C5
C6
*C7
C8
C9
C10
C11
C12
C13
Automatic Test Circuit Component List
OSCILLATOR
FLT2
10.7MHz (Murata SFE10.7MA5-A)
FLT3
Active de-emphasis
FLT4
“C” message weighted
LIMITER
VCC
+
DATA
C16
0.1
µF
C17
0.1
µF
*NOTE: This value can be reduced when a battery is the power source.
PWR
DWN
0.1
µF
100pF
1–5pF select for input match
0.1
µF
0.1
µF
1–5pF select for input match
47nH select for input match
0.1
µF
1000pF
150nH select for input match
1pF
FLT
3
FLT
4
FLT2
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
347.8
6.42k
49.9
1k
347.8
49.9
49.9
1k
49.9
8.2k
Ω select
6.42k
MIXER
IF/LIM OUT
IF/LIM IN
L5
C12
C11
21
+
IF
AMP
2
1
C14
R3
R2
R4
R5
C16
R6
21
2
1
C17
R8
R7
R9
C20
R10
R11
C21
L4
R1
C8
C9
C10
C6
C7
C4
C5
L3
C3
C1
*L1
*L2
RF IN
LO IN
RSSI
OUT
PWR
DWN
CTRL
DATA
OUT
VCC
output match
C2
SR00501
Figure 9.
SA58641 240.05MHz (RF) / 10.7MHz (IF) Test Circuit


Similar Part No. - SA58641DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58640DK PHILIPS-SA58640DK Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA58643 PHILIPS-SA58643 Datasheet
116Kb / 16P
   Excellent overload capability
Rev. 01-20 November 2006
SA58646 NXP-SA58646 Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
SA58646BD NXP-SA58646BD Datasheet
215Kb / 42P
   UHF 900 MHz transceiver IC
Rev. 01-8 February 2007
More results

Similar Description - SA58641DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com