Electronic Components Datasheet Search |
|
TL052AIDRE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
TL052AIDRE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 63 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC+ (see Note 1) 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VCC– (see Note 1) –18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage (see Note 2) ±30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (any input, see Notes 1 and 3) ±15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (each input) ±1 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO (each output) ±80 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current into VCC+ 160 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current out of VCC– 160 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit current at (or below) 25 °C Unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 4 and 5): D package (8 pin) 97 °C/W . . . . . . . . . . . . . . . . . . . . . . D package (14 pin) 86 °C/W . . . . . . . . . . . . . . . . . . . . . DB package (14 pin) 96 °C/W . . . . . . . . . . . . . . . . . . . N package (14 pin) 80 °C/W . . . . . . . . . . . . . . . . . . . . . NS package (14 pin) 76 °C/W . . . . . . . . . . . . . . . . . . . P package (8 pin) 85 °C/W . . . . . . . . . . . . . . . . . . . . . . PS package (8 pin) 95 °C/W . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–. 2. Differential voltages are at IN+ with respect to IN–. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability. 5. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions C SUFFIX I SUFFIX UNIT MIN MAX MIN MAX UNIT VCC ± Supply voltage ±5 ±15 ±5 ±15 V VIC Common mode input voltage VCC ± = ±5 V –1 4 –1 4 V VIC Common-mode input voltage VCC ± = ±15 V –11 11 –11 11 V TA Operating free-air temperature 0 70 –40 85 °C |
Similar Part No. - TL052AIDRE4 |
|
Similar Description - TL052AIDRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |