Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1254 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1254
Description  Silicon NPN epitaxial planar type(For power switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1254 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1254 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1254 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1254 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SD1254
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 50
× 50 × 2mm
Al heat sink
(3) Without heat sink
(P
C=1.3W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
5
4
3
2
1
T
C=25˚C
I
B=100mA
50mA
30mA
25mA
20mA
10mA
2mA
5mA
1mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=20
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=20
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0
2.0
1.6
0.4
1.2
0.8
0.01
0.03
0.1
0.3
1
3
10
30
100
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=10(IB1=–IB2)
V
CC=50V
T
C=25˚C
t
stg
t
f
t
on
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=0.5ms
10ms
1ms
300ms
Collector to emitter voltage V
CE
(V)


Similar Part No. - 2SD1254

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1254 PANASONIC-2SD1254 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
logo
Guangdong Kexin Industr...
2SD1254 KEXIN-2SD1254 Datasheet
40Kb / 1P
   Silicon NPN epitaxial planar type
2SD1254-P KEXIN-2SD1254-P Datasheet
838Kb / 3P
   NPN Transistors
2SD1254-Q KEXIN-2SD1254-Q Datasheet
838Kb / 3P
   NPN Transistors
2SD1254-R KEXIN-2SD1254-R Datasheet
838Kb / 3P
   NPN Transistors
More results

Similar Description - 2SD1254

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1256 PANASONIC-2SD1256 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1257 PANASONIC-2SD1257 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1745 PANASONIC-2SD1745 Datasheet
58Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD2467 PANASONIC-2SD2467 Datasheet
47Kb / 2P
   Silicon NPN epitaxial planar type(For power switching)
2SD2469 PANASONIC-2SD2469 Datasheet
59Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD2468 PANASONIC-2SD2468 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1271 PANASONIC-2SD1271 Datasheet
59Kb / 3P
   Silicon NPN epitaxial planar type(For power switching)
2SD1268 PANASONIC-2SD1268 Datasheet
47Kb / 2P
   Silicon NPN epitaxial planar type(For power switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com