Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9446F Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TC9446F
Description  Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9446F Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TC9446F Datasheet HTML 14Page - Toshiba Semiconductor TC9446F Datasheet HTML 15Page - Toshiba Semiconductor TC9446F Datasheet HTML 16Page - Toshiba Semiconductor TC9446F Datasheet HTML 17Page - Toshiba Semiconductor TC9446F Datasheet HTML 18Page - Toshiba Semiconductor TC9446F Datasheet HTML 19Page - Toshiba Semiconductor TC9446F Datasheet HTML 20Page - Toshiba Semiconductor TC9446F Datasheet HTML 21Page - Toshiba Semiconductor TC9446F Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
TC9446F
2002-04-18
18
2)
Write of 24 bit data
The number of words of data written in while data required for the 16 bit address in a 24 bit
command is set up and R/W bit is set to “L”, when writing in data from a MCU to TC9446F during
program operation is set up.
And, 24 bit data of the number required after transmitting a 24 bit command of words is written in.
In addition, completion of internal taking in of write-in data requires the time of about 6 ms of the
maximum from END Condition.
Therefore, access of a next MCU needs to keep the term for about 6 ms after END Condition
transmission.
The procedure of the write of 24 bit data is shown in Figure 12.
Figure 12
Procedure of Write of 24 Bit Data
START Condition
Checking of ACK bit
= “L”
Write of 24 bit command
(write of data
= xxxx0xh)
Write of 24 bit data (n)
STOP Condition
It is data write-in completion after STOP Condition
transmission and within about 6 ms term.
A 16 bit address and a transmission word
number are set up.
It is possible to Write in the 24 bit data
until 16 word maximum.
At the time of ACK
= “H”, it resumes from
START Condition.
Transmission of I
2
C Address (3Ah)
Write of 24 bit data (2)
Write of 24 bit data (1)


Similar Part No. - TC9446F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results

Similar Description - TC9446F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
   MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
Texas Instruments
SBAS052 TI1-SBAS052 Datasheet
550Kb / 17P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
logo
Burr-Brown (TI)
PCM1720 BURR-BROWN-PCM1720 Datasheet
194Kb / 13P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
   Dolby ADM digital audio decoder
March 19, 1992
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com