Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9446F Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TC9446F
Description  Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9446F Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TC9446F Datasheet HTML 27Page - Toshiba Semiconductor TC9446F Datasheet HTML 28Page - Toshiba Semiconductor TC9446F Datasheet HTML 29Page - Toshiba Semiconductor TC9446F Datasheet HTML 30Page - Toshiba Semiconductor TC9446F Datasheet HTML 31Page - Toshiba Semiconductor TC9446F Datasheet HTML 32Page - Toshiba Semiconductor TC9446F Datasheet HTML 33Page - Toshiba Semiconductor TC9446F Datasheet HTML 34Page - Toshiba Semiconductor TC9446F Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
TC9446F
2002-04-18
31
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VDD
−0.3 to +4.0
V
Input voltage-1
VIN1
−0.3 to
VDD + 0.3
V
Input voltage-2
VIN2
−0.3 to
VDD + 3.0
(Note 11)
V
Power dissipation
PD
1500
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
Note 11: MICS , MILP , MIDIO, MICK , LRCKA, BCKA, LRCKB, BCKB, SDI0, SDI1, RX (schmitt input terminals)
Electrical Characteristics
(unless otherwise specified, Ta
==== 25°C, VDD ==== VDDX ==== VDDA ==== VDDDL ==== 3.3 V)
DC Characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating power supply voltage-1
VDD1
Ta
= −40 to +85°C,
fopr <
= 140 MHz
3.0
3.3
3.6
V
Operating power supply voltage-2
VDD2
Ta
= −40 to +85°C,
fopr > 140 MHz
3.1
3.3
3.6
V
Operating frequency range-1
fopr1
DLL oscillation frequency (4
th
times)
120
MHz
Operating frequency range-2
fopr2
DLL oscillation frequency (6
th
times), At fopr
> 140 MHz,
VDD = 3.1 to 3.6 V.
150
MHz
Power supply current
IDD
fopr
= 150 MHz 75 MIPS
operating
110
160
mA
Clock Terminals
“H” level
VIH1
2.5
Input voltage
“L” level
VIL1
XI pin, (Note 14)
0.8
V
“H” level
IOH1
VOH = 2.8 V
−8
Output current
“L” level
IOL1
VOL = 0.5 V
XO pin
15
mA
Note 14: CKI, SCKI (CMOS input terminals)


Similar Part No. - TC9446F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results

Similar Description - TC9446F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
Broadcom Corporation.
BCM7040 BOARDCOM-BCM7040 Datasheet
131Kb / 1P
   MPEG2 DIGITAL VIDEO/AUDIO ENCODER
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
Texas Instruments
SBAS052 TI1-SBAS052 Datasheet
550Kb / 17P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
logo
Burr-Brown (TI)
PCM1720 BURR-BROWN-PCM1720 Datasheet
194Kb / 13P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
logo
NXP Semiconductors
NE5241 PHILIPS-NE5241 Datasheet
52Kb / 6P
   Dolby ADM digital audio decoder
March 19, 1992
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com