Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C32025 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C32025
Description  Digital Signal Processor Megafunction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C32025 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C32025 Datasheet HTML 1Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 2Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 3Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 4Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 5Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 6Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 7Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 8Page - List of Unclassifed Manufacturers C32025 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
C32025 Megafunction Datasheet
CAST, Inc.
May 2004
Page 3
Pin Description
Name
Type
Polarity/
Bus size
Description
clk
I
Rise
Master clock input
All internal synchronous circuits clock
clkout1
O
-
Master clock output (fclk/4)
When High it indicates internal quarter-phases Q3 and Q4
clkout2
O
-
Second clock output (fclk/4)
When High it indicates internal quarter-phases Q2 and Q3
rs_n
I
Low
Hardware reset input
Active for 2 cycles resets the device
mpmc
I
-
Microprocessor/microcomputer mode
When Low the internal ROM is mapped into program space
sync_n
I
Fall
Synchronization input
Forces the internal quarter-phase to Q1
hold_n
I
Low
Hold input
Forces processor to place the data & address buses and control lines
in the hi-Z state
holda_n
O
Low
Hold acknowledge output
Indicates that processor is in the hold mode
int0_n
int1_n
int2_n
I
I
I
Low/Fall
Low/Fall
Low/Fall
External interrupt inputs
External interrupt 0
External interrupt 1
External interrupt 2
iack_n
I
Low
Interrupt acknowledge
Indicates branching to the interrupt vector
ps_o
ds_o
is_o
O
O
O
Low
Low
Low
Program, data and I/O space select signals
ps_tri
ds_tri
is_tri
O
O
O
High
High
High
Select signals tri-state control
Enables external tri-state buffers
rw_o
O
-
Read/write output signal
Indicates external transfer direction. High means reading
rw_tri
O
H
Read/write tri-state control
Enables external tri-state buffer
strb_o
O
Low
Strobe signal
Low indicates an external bus cycle
strb_tri
O
High
Strobe tri-state control signal
Enables external tri-state buffer
ready
I
High
Data ready input
Indicates that external device is prepared for transfer to be
completed
bio_n
I
Low
Branch control input
When active the BIOZ branch occurs
br_n
O
Low
Bus request output
Asserted when the processor requires access to external global data
memory space


Similar Part No. - C32025

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
C3202 KEC-C3202 Datasheet
46Kb / 1P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
logo
Connor-Winfield Corpora...
C32020.0M CONNOR-WINFIELD-C32020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
More results

Similar Description - C32025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com