Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7971DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7971DP
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7971DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7971DP Datasheet HTML 1Page - Vishay Siliconix SI7971DP Datasheet HTML 2Page - Vishay Siliconix SI7971DP Datasheet HTML 3Page - Vishay Siliconix SI7971DP Datasheet HTML 4Page - Vishay Siliconix SI7971DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7971DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72357
S-31610—Rev. A, 11-Aug-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 450 mA
- 0.40
- 1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 9.6 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 9.6 V, VGS = 0 V, TJ = 55_C
-5
mA
On-State Drain Currenta
ID(on)
VDS v -5 V, VGS = - 4.5 V
-30
A
VGS = - 4.5 V, ID = - 11.7 A
0.014
0.018
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 10.6 A
0.018
0.022
W
DS(on)
VGS = - 1.8 V, ID = - 3.5 A
0.023
0.029
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 11.7 A
37
S
Diode Forward Voltagea
VSD
IS = - 2.9 A, VGS = 0 V
- 0.7
- 1.2
V
Dynamicb
Total Gate Charge
Qg
39
60
Gate-Source Charge
Qgs
VDS = - 6 V, VGS = - 4.5 V, ID = - 11.7 A
6.5
nC
Gate-Drain Charge
Qgd
10
Gate Resistance
Rg
9.4
W
Turn-On Delay Time
td(on)
38
60
Rise Time
tr
VDD = - 6 V, RL = 6 W
60
90
Turn-Off Delay Time
td(off)
VDD = - 6 V, RL = 6 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
280
420
ns
Fall Time
tf
210
320
Source-Drain Reverse Recovery Time
trr
IF = - 2.9 A, di/dt = 100 A/ms
120
180
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
0
6
12
18
24
30
0
1234
5
VGS = 10 thru 2 V
TC = 125_C
-55
_C
1 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V


Similar Part No. - SI7971DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7970DP VISHAY-SI7970DP Datasheet
72Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 15-Mar-04
SI7970DP-T1-E3 VISHAY-SI7970DP-T1-E3 Datasheet
72Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 15-Mar-04
SI7972DP VISHAY-SI7972DP Datasheet
199Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 25-Jul-16
SI7972DP-T1-GE3 VISHAY-SI7972DP-T1-GE3 Datasheet
230Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI7972DP VISHAY-SI7972DP_V01 Datasheet
230Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7971DP

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com