Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1267A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1267A
Description  Silicon NPN triple diffusion planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1267A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1267A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1267A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1267, 2SD1267A
Silicon NPN triple diffusion planar type
For power amplification
Complementary to 2SB942 and 2SB942A
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
80
60
80
5
8
4
40
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1267
2SD1267A
2SD1267
2SD1267A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCB = 60V, VBE = 0
VCB = 80V, VBE = 0
VCE = 30V, IB = 0
VCE = 60V, IB = 0
VEB = 5V, IC = 0
IC = 30mA, IB = 0
VCE = 4V, IC = 1A
VCE = 4V, IC = 3A
VCE = 4V, IC = 3A
IC = 4A, IB = 0.4A
VCE = 5V, IC = 0.5A, f = 1MHz
IC = 4A, IB1 = 0.4A, IB2 = – 0.4A,
VCC = 50V
min
60
80
70
15
typ
20
0.4
1.2
0.5
max
400
400
700
700
1
250
2
1.5
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SD1267
2SD1267A
2SD1267
2SD1267A
2SD1267
2SD1267A
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SD1267A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1267A PANASONIC-2SD1267A Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
logo
Savantic, Inc.
2SD1267A SAVANTIC-2SD1267A Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1267A ISC-2SD1267A Datasheet
160Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1267A SAVANTIC-2SD1267A Datasheet
138Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1267A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
   Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1719 PANASONIC-2SD1719 Datasheet
94Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com