Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX5VX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BZX5VX
Description  SILICON EPITAXIAL PLANAR TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BZX5VX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BZX5VX Datasheet HTML 1Page - List of Unclassifed Manufacturers BZX5VX Datasheet HTML 2Page - List of Unclassifed Manufacturers BZX5VX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Main Characteristic
WEB SITE:http://www.daiwahk.com
TEL: 852 23413351 FAX: 852 27978275
(
)
(
)
0
100
200
300
400
500
0
50
100
150
200
Series
0.10
0.08
0.06
0.04
0.02
-0.02
-0.04
-0.06
-0.08
-0.10
0
5
10
Zener Voltage Vz (V)
Ambient Temperature Ta ( C)
Fig.2 Temperature Coefficient Vs. Zener voltage
Fig.3 Power Dissipation Vs. Ambient Temperature
15 20 25
30 35 40
0
50
40
30
20
10
-10
-20
-30
-40
-50
0
2.5mm
3mm
Printed circuit board
100X180X1.6t mm
Quality: paper phenol
5mm
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
0
5
10
15
20
25
30
35
40
Zener Voltage V (V)
z
Fig.1 Zener current Vs. Zener voltage


Similar Part No. - BZX5VX

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
BZX5V1 DIOTECH-BZX5V1 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
BZX5V6 DIOTECH-BZX5V6 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Similar Description - BZX5VX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com