Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1985-4.0V Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LD1985-4.0V
Description  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-4.0V Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LD1985-4.0V Datasheet HTML 3Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 4Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 5Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 6Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 7Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 8Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 9Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 10Page - Unisonic Technologies LD1985-4.0V Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R102-021,B
2.58
-25
-50
25
0
2.46
2.50
2.56
75
2.54
2.48
2.44
50
100
Output Voltage vs Temperature
2.52
Tc (℃)
2.42
2.40
Vi=3.5V
Io=1mA
2000
25
075
50
400
1600
125
1200
100
150
Quiescent Current vs Load Current
800
Io (mA)
0
Vo=2.5V
Cby=10nF
125
2.60
175
-25
-50
25
0
0.2
0.3
75
0.1
50
100
Dropout Voltage vs Temperature
0
Vo=2.5V
Cby=10nF
Io=150mA
Io=50mA
Io=10mA
Io=1mA
-25
-50
25
0
2.0
3.5
75
1.5
50
100
Quiescent Current vs Temperature
0
Vo=2.5V
Cby=10nF
Io=150mA
3.0
2.5
1.0
0.5
Tc (℃)
Tc (℃)
125
25
0
75
50
100
150
250
125
200
100
150
Dropout Voltage vs Output Current
Io (mA)
50
0
Vo=2.5V
-25
-50
25
0
60
90
75
50
50
100
Supply Voltage Rejection vs Temperature
20
Co=10µ F
80
70
40
30
Co=1µ F
fosc=1KHz
Vi=3.5 ~ 6.5V
Io=10mA
Tc (℃)
125
175
0.4
125


Similar Part No. - LD1985-4.0V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1985-15-AF5-R UTC-LD1985-15-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-18-AF5-R UTC-LD1985-18-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-25-AF5-R UTC-LD1985-25-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-28-AF5-R UTC-LD1985-28-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-2J-AF5-R UTC-LD1985-2J-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

Similar Description - LD1985-4.0V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com