Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1985-5.0V Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD1985-5.0V
Description  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-5.0V Datasheet(HTML) 4 Page - Unisonic Technologies

  LD1985-5.0V Datasheet HTML 1Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 2Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 3Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 4Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 5Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 6Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 7Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 8Page - Unisonic Technologies LD1985-5.0V Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R102-021,B
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Short Circuit Current
Isc
RL=0
400
mA
Vi=Vo+1V ~ 16V, Io=1mA
0.003
0.014
%/Vi
Line Regulation
Vo/△Vi
Vi=Vo+1V ~ 16V, Io=1mA
TJ=-40 ~ 125℃
0.032
%/Vi
Io=0
1
3
mV
TJ=-40 ~ 125℃, Io=0
5
mV
Io=1mA
7
10
mV
Io=1mA, TJ=-40 ~ 125℃
15
mV
Io=10mA
40
60
mV
Io=10mA, TJ=-40 ~ 125℃
90
mV
Io=50mA
120
150
mV
Io=50mA, TJ=-40 ~ 125℃
225
mV
Io=150mA
280
350
mV
Dropout Voltage
Vd
Io=150mA, TJ=-40 ~ 125℃
575
mV
Io=0
80
100
μ
A
TJ=-40 ~ 125℃, Io=0
150
μ
A
Io=1mA
100
150
μ
A
Io=1mA, TJ=-40 ~ 125℃
200
μ
A
Io=10mA
200
300
μ
A
Io=10mA, TJ=-40 ~ 125℃
400
μ
A
Io=50mA
600
900
μ
A
Io=50mA, TJ=-40 ~ 125℃
1200
μ
A
Io=150mA
2000
3000
μ
A
Io=150mA, TJ=-40 ~ 125℃
4000
μ
A
OFF MODE VINH<0.18V
0
μ
A
Quiescent Current
Id
OFF MODE VINH<0.18V
TJ=-40 ~ 125℃
2
μ
A
Supply Voltage Rejection
SVR
CBYP=0.01μF, Co=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-40 ~ 125℃
0.15
V
Control Input Logic High
VIH
TJ=-40 ~ 125℃
2
V
TJ=-40 ~ 125℃, VSHDN=5V
5
15
μ
A
Control Input Current
IiNH
TJ=-40 ~ 125℃, VSHDN=0V
0
-1
μ
A
Output Noise Voltage
eN
B=300Hz ~ 50KHz
CBYP=0.01μF, Co=10μF
30
μ
V


Similar Part No. - LD1985-5.0V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1985-15-AF5-R UTC-LD1985-15-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-18-AF5-R UTC-LD1985-18-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-25-AF5-R UTC-LD1985-25-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-28-AF5-R UTC-LD1985-28-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-2J-AF5-R UTC-LD1985-2J-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

Similar Description - LD1985-5.0V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com