Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2541PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2541PWPR
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2541PWPR Datasheet(HTML) 4 Page - Texas Instruments

  UCC2541PWPR Datasheet HTML 1Page - Texas Instruments UCC2541PWPR Datasheet HTML 2Page - Texas Instruments UCC2541PWPR Datasheet HTML 3Page - Texas Instruments UCC2541PWPR Datasheet HTML 4Page - Texas Instruments UCC2541PWPR Datasheet HTML 5Page - Texas Instruments UCC2541PWPR Datasheet HTML 6Page - Texas Instruments UCC2541PWPR Datasheet HTML 7Page - Texas Instruments UCC2541PWPR Datasheet HTML 8Page - Texas Instruments UCC2541PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
4
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 12 V, 1-µF capacitor from VDD to GND, 1-µF capacitor from BST to SW, 1-µF capacitor from REF to GND, 0.1-µF and 2.2-µF capacitors
from VDRV to PGND, CRAMP = 517 pF, RSET = 10 kΩ, TA = TJ = −40°C to 105°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
IVDD
Operating current
DC, after G2 timeout
5
8
10
mA
IVDD
Operating current
CLOAD = 2.2 nF
9
18
30
mA
UNDERVOLTAGE LOCKOUT
VVDD
Start threshold voltage
MODE 1
8.0
8.5
9.0
VVDD
Stop threshold voltage
MODE 1
7.5
8.0
8.5
VVDD
Hysteresis
MODE 1
0.3
0.5
0.8
VVDRV
Start threshold voltage
MODE 2
4.30
4.65
4.85
VVDRV
Stop threshold voltage
MODE 2
4.0
4.3
4.6
V
VVDRV
Hysteresis
MODE 2
0.15
0.35
0.55
V
VREF
Start threshold voltage
MODE 3
VVDD= VVDRV
2.5
2.8
3.2
VREF
Stop threshold voltage
MODE 3
2.2
2.5
2.8
VREF
Hysteresis
MODE 3
0.15
0.35
0.55
VOLTAGE REFERENCE (REF)
VREF
Reference output voltage
TA = 25°C
3.28
3.30
3.35
V
VREF
Reference output voltage
Total variation
3.2
3.3
3.4
V
ISC
Short circuit current
VREF = 0 V,
TA = 25°C
10
13
20
mA
Line regulation
5.25 V
≤ VDRV ≤ 7.2 V
0
1.5
15
mV
Load regulation
0 mA
≤ IREF ≤ 5 mA
0
30
70
mV
OscillatorPWM (RAMP)
fSW
Oscillator frequency
270
300
330
kHz
DMIN
Minimum duty cycle
0%
VRAMP
Offset voltage
0.10
0.25
0.50
V
Oscillator peak voltage
1.7
2.0
2.3
V
tDEAD
G1 deadtime at maximum duty cycle ratio
150
175
200
ns
IRAMP
Ramp charge current
RRSET = 10 kΩ
−325
−300
−275
µA
CURRENT ERROR AMPLIFIER
VCEA+
Offset voltage
Total variation
45
50
55
mV
GBW
Gain bandwidth(3)
3
4
MHz
VOL
Low-level output voltage
ICOMP = 0 A,
VCEA− = 3.3 V,
VVEA− = 2.0 V
0.1
V
VOL
Low-level output voltage
ICOMP = 100 µA, VCEA− = 1.5 V
VVEA− = 1 V
0
0.60
0.90
V
VOH
High-level output voltage
ICOMP = 0 A,
VCEA− = 0 V,
VVEA− = 1 V
2.2
2.5
3.0
V
AVOL
Open loop
60
100
160
dB
IBIAS
Bias current
−200
−80
−10
nA
ISINK
Sink current
VCOMP = 1.0 V,
VCEA− = 1.5 V,
VVEA− = 1 V
0.30
0.80
1.70
mA
CMR
Common mode input range(3)
0
2
V
(3) Ensured by design. Not production tested.


Similar Part No. - UCC2541PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541PWPR TI1-UCC2541PWPR Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPRG4 TI1-UCC2541PWPRG4 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com