Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3039CH Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3039CH
Description  SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3039CH Datasheet(HTML) 2 Page - International Rectifier

  IRU3039CH Datasheet HTML 1Page - International Rectifier IRU3039CH Datasheet HTML 2Page - International Rectifier IRU3039CH Datasheet HTML 3Page - International Rectifier IRU3039CH Datasheet HTML 4Page - International Rectifier IRU3039CH Datasheet HTML 5Page - International Rectifier IRU3039CH Datasheet HTML 6Page - International Rectifier IRU3039CH Datasheet HTML 7Page - International Rectifier IRU3039CH Datasheet HTML 8Page - International Rectifier IRU3039CH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Rev. 1.0
06/06/03
IRU3039
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Vcc Supply Voltage .................................................. -0.5V To 25V
Vc Supply Voltage .................................................... -0.5V To 25V
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Feedback Voltage
Fb Voltage Initial Accuracy
Fb Voltage Line Regulation
Reference Voltage
Ref Voltage Initial Accuracy
Drive Current
UVLO
UVLO Threshold - Vcc
UVLO Hysteresis - Vcc
UVLO Threshold - Vc
UVLO Hysteresis - Vc
UVLO Threshold - Fb
Supply Current
Vcc Dynamic Supply Current
Vc Dynamic Supply Current
Vcc Static Supply Current
Vc Static Supply Current
4.75V<Vcc<20V
Note 1
Supply Ramping Up
Supply Ramping Up
Fb Ramping Down
Freq=200KHz, CL=1500pF
Freq=200KHz, CL=1500pF
SS=0V
SS=0V
0.784
0.784
0.3
0.800
0.3
0.8
2
4.4
0.26
3.47
0.20
0.4
7
7
5
3
0.816
0.816
0.5
15
9
9
4
V
%
V
mA
V
V
V
V
V
mA
mA
mA
mA
*
uJA=378C/W
uJC=2.38C/W
VFB
LREG
VREF
IREF
UVLO VCC
UVLO VC
UVLO Fb
Dyn ICC
Dyn IC
ICCQ
ICQ
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, specifications apply over Vcc=5V, Vc=12V and TA=0-70°C. Typical values refer to 25
8C.
Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temp.
PACKAGE INFORMATION
20-Pin MLPQ 5x5 (H)
*Exposed pad on
underside is con-
nected to a typical 1"
square copper pad
through vias for 4-
layer PCB board
design.
10
VOUT2
NC
NC
Rt
NC
VREF
NC
NC
Vcc
NC
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
Pad


Similar Part No. - IRU3039CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3033CS IRF-IRU3033CS Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CS IRF-IRU3034CS Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CSPBF IRF-IRU3034CSPBF Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results

Similar Description - IRU3039CH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
Excelliance MOS Corp.
EM8672 EXCELLIANCE-EM8672 Datasheet
285Kb / 13P
   HV Start-up PWM Controller with Over Temperature Protection
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
   High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7750R LEADTREND-LD7750R Datasheet
406Kb / 19P
   High Voltage Green-Mode PWM Controller with Over Temperature Protection
05/12/2010
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Monolithic Power System...
MP3908 MPS-MP3908 Datasheet
275Kb / 11P
   Current Mode PWM Controller with Synchronous Secondary Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com