Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5654 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SP5654
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SP5654 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5654 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SP5654
4
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
FREQUENCY MARKER STEP = 500MHz
S11:Z0 = 50W
Fig. 2 Typical input impedance
X
X
X
X
X
2.6GHz
NORMALISED TO 50
W
RF
V
INPUTS
CLOCK
DATA
ENABLE
MODE
SELECT
CC
CRYSTAL
CHARGE
PUMP
DRIVE/
VARICAP
OUTPUT
VEE
LOCK
P0
P1
P2
P3
PRE
AMP
PRESCALER
14/15 BIT
PROGRAMMABLE
DIVIDER
FPD
FCOMP
PHASE
COMP
F
OSC
DATA
INPUT
INTERFACE
DATA
CLOCK
18/19
LATCH
CONTROL
OUTPUT
BUFFER
CHARGE
PUMP
AMP
LOCK
DETECT
CP DIS
VA DIS
Fig. 3 Block diagram
16
REFERENCE
DIVIDER
13
14
5
4
10
3
67
8
9
11
15
16
1
2
12
512/640/1024
/1280/2048
MODE
SELECT


Similar Part No. - SP5654

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655KG MITEL-SP5655KG Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655KGMPAS MITEL-SP5655KGMPAS Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655SKG MITEL-SP5655SKG Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655SKGMPAD MITEL-SP5655SKGMPAD Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
More results

Similar Description - SP5654

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
   2.7GHz 3-Wire Bus Controlled Synthesiser
SP5658 MITEL-SP5658 Datasheet
281Kb / 14P
   2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
   2.6GHz 3-Wire BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com