Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-2100 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSDL-2100
Description  Infrared IrDA Compliant Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-2100 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSDL-2100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-2100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Electrical and Optical Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise noted. Test Conditions
represent worst case values for the parameters under test. Unspecified test conditions can be anywhere in
their operating range. All typical values are at 25
°C and 5 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Receiver Data
Logic Low
VOL(RXD-A)[2]
0.5
V
IO(RXD-A)=1.0 mA. For
Output Voltage
in-band EI
≥ 3.6 µW/cm2,
φ1/2 ≤ 15°
Logic Low
VOL(RXD-B)[2]
0.5
V
IO(RXD-B)=1.0 mA. For
in-band EI
≥ 9.0 µW/cm2,
φ1/2 ≤ 15°
Logic High
VOH(RXD-A)
VCC - 0.6
V
IOH(RXD-A)=-20 µA. For
in-band EI
≤ 0.3 µW/cm2
Logic High
VOH(RXD-B)
VCC - 1.2
V
IOH(RXD-B)=-20 µA. For
in-band EI
≤ 0.3 µW/cm2
Viewing Angle 2
φ1/2
30
degrees
Effective Detector Area
0.1
cm2
Transmitter
Logic High
EIH
100
177
500
mW/SR
VIH(TXD)=4.25 V[1],
Radiant
Intensity
ILEDA=400 mA,
Intensity
TA=25°C, θ1/2 ≤ 15°
Peak
λp
875
nm
Wavelength
Spectral Line
∆λ1/2
35
nm
Half Width
Viewing Angle 2
θ1/2
30
60
degrees
Transmitter
Logic Low
IL(TXD)
-2
2
µA
Gnd
≤ VIL(TXD)
Data Input
≤ 0.3 V[1]
Current
Logic High
IH(TXD)
5.4
6.6
mA
VIH(TXD)=4.25 V[1]
LED Anode On
VON(LEDA)
2.78
V
ILEDA=400 mA, 25°C
State Voltage
VIH(TXD)=4.25 V[1]
LED Anode Off
ILK (LEDA)
250
µAVLEDA=VCC=5.25 V,
State Leakage
VIL(TXD)=0.3 V[1]
Supply Current
Idle
ICC1
3
5.1
mA
VCC=5.25 V,
VI(TXD)=VIL, EI=0
Active
ICC2
422
mA
VCC=5.25 V,
Receiver
VI(TXD)=VIL
EI
≤ 500 mW/cm2
Receiver Peak
λp
880
nm
Sensitivity
Wavelength
Notes:
1. With R1, CX2 input network. See Application Circuit for component values. TXD refers to driver gate of R1, CX2 on application circuit.
2. Logic Low is a pulsed response. The condition is maintained for a duration dependent on pattern and strength of the incident intensity.


Similar Part No. - HSDL-2100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
HSDL-1100 HP-HSDL-1100 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
HSDL-1100 HP-HSDL-1100 Datasheet
204Kb / 12P
   Infrared Transceiver
More results

Similar Description - HSDL-2100

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com