Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ44780-XX Datasheet(PDF) 3 Page - Integral Corp.

Part # IZ44780-XX
Description  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ44780-XX Datasheet(HTML) 3 Page - Integral Corp.

  IZ44780-XX Datasheet HTML 1Page - Integral Corp. IZ44780-XX Datasheet HTML 2Page - Integral Corp. IZ44780-XX Datasheet HTML 3Page - Integral Corp. IZ44780-XX Datasheet HTML 4Page - Integral Corp. IZ44780-XX Datasheet HTML 5Page - Integral Corp. IZ44780-XX Datasheet HTML 6Page - Integral Corp. IZ44780-XX Datasheet HTML 7Page - Integral Corp. IZ44780-XX Datasheet HTML 8Page - Integral Corp. IZ44780-XX Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IZ44780
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
DD = +5V, VSS = 0V unless otherwise specified)
Characteristic
Symbol
Test Condition
Applicable
Terminals
Min
Typ
Max
Unit
Operating Voltage
VDD
4.5
5.5
V
Operating Current (*1)
IDD
Internal oscillation
or external clock
fOSC = 270KHz
0.35
0.6
HIGH Input Voltage
VIH
E, DB0 ~ DB7,
R/W, RS
2.2
VDD
V
OSC1
VDD-1.0
VDD
LOW Input Voltage
VIL
E, DB0 ~ DB7,
R/W, RS
-0.3
0.6
V
OSC1
-0.2
1.0
HIGH Output Voltage
VOH
IOH = -0.205 mA
DB0 ~ DB7
2.4
V
IOH = -40µA
CLK1, CLK2, M, D 0.9VDD
LOW Output Voltage
VOL
IOL = 1.2mA
DB0 ~ DB7
0.4
V
IOL = 40µA
CLK1, CLK2, M, D
0.1VDD
Driver Voltage
Descending
VCOM
IO = ± 0.1mA
COM1 ~ COM16
1.0
V
VSEG
SEG1 ~ SEG40
1.0
Input Leakage Current
ILKG
VIN =0V ~ VDD
E
-1
1
µA
Input LOW Current
IIL
VCC = 5V (test pull
up R)
RS, R/W,
DB0
~ DB7
-50
-125
-250
µA
Frequency(
*1)
fEC
125
250
350
KHz
External
Duty
DUTY
OSC1
46
50
55
%
Clock
Rise time
tR
0.2
µs
Fall time
tF
0.2
µs
Internal Clock
Frequency(*1)
fOSC1
Rf = 91K
Ω ± 2%
OSC1, OSC2
190
270
350
KHz
Ceramic Resonator
Oscillation Frequency
(*1)
fOSC2
245
250
255
LCD Driving Voltage
(*2)
VLCD1
VDD – V5 1/5 bias
V1 ~ V5
4.6
10.0
V
VLCD2
1/4 bias
3.0
10.0
Notes: *1).
Oscillation circuit
3


Similar Part No. - IZ44780-XX

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ44780-XX INTEGRAL-IZ44780-XX Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

Similar Description - IZ44780-XX

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com