Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1608-FH47N Datasheet(PDF) 2 Page - TOKO, Inc

Part # LL1608-FH47N
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1608-FH47N Datasheet(HTML) 2 Page - TOKO, Inc

  LL1608-FH47N Datasheet HTML 1Page - TOKO, Inc LL1608-FH47N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
R-LOG0703A
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Meeting Your Needs
Multilayer Chip Inductors
TYPE
LL1608FH
ELECTRICAL CHARACTERISTICS
Q vs. Frequency
Inductance vs. Frequency
0
10000
1000
100
10
Frequency (MHz)
50
150
200
100
FH1N2
FH2N7
FH4N7
FH10N
FH27N
FH68N
FHR10
FH39N
1
10000
1000
100
10
Inductance vs Frequency
Frequency (MHz)
10
1000
100
FH10N
FH27N
FH82N
FH1N2
FH2N7
FH4N7
FHR10


Similar Part No. - LL1608-FH47N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
LL1608-FH1N2S FREESCALE-LL1608-FH1N2S Datasheet
899Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
LL1608-FH1N2S NXP-LL1608-FH1N2S Datasheet
342Kb / 10P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
LL1608-FH22N0S FREESCALE-LL1608-FH22N0S Datasheet
899Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
LL1608-FH22N0S NXP-LL1608-FH22N0S Datasheet
342Kb / 10P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results

Similar Description - LL1608-FH47N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com