Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y30-75B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9Y30-75B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y30-75B Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9Y30-75B Datasheet HTML 1Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 2Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 3Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 4Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 5Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 6Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 7Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 8Page - NXP Semiconductors BUK9Y30-75B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
BUK9Y30-75B
N-channel TrenchMOS™ logic level FET
Product data
Rev. 01 — 14 July 2004
5 of 12
9397 750 13724
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C75
-
-
V
Tj = −55 °C70
-
-
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C
1.1
1.5
2
V
Tj = 175 °C
0.5
-
-
V
Tj = −55 °C
-
-
2.3
V
IDSS
drain-source leakage current
VDS = 75 V; VGS =0V
Tj =25 °C
-
0.02
1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±15 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID =15A;
Figure 7 and 8
Tj =25 °C
-
25
30
m
Tj = 175 °C-
-
72
m
VGS = 4.5 V; ID =15A
-
-
34
m
VGS =10V; ID =15A
-
23
28
m
Dynamic characteristics
Qg(tot)
total gate charge
VGS =5V; VDD =60V;
ID =25A; Figure 14
-19
-
nC
Qgs
gate-to-source charge
-
5
-
nC
Qgd
gate-to-drain (Miller) charge
-
9
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
-
1550
2070
pF
Coss
output capacitance
-
150
179
pF
Crss
reverse transfer capacitance
-
60
80
pF
td(on)
turn-on delay time
VDD = 30 V; RL = 1.2 Ω;
VGS =5V; RG =10 Ω
-16
-
ns
tr
rise time
-
106
-
ns
td(off)
turn-off delay time
-
51
-
ns
tf
fall time
-
83
-
ns
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 15 A; VGS =0V;
Figure 15
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
-
101
-
ns
Qr
recovered charge
-
115
-
nC


Similar Part No. - BUK9Y30-75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y30-75B NXP-BUK9Y30-75B Datasheet
198Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04-10 April 2008
logo
Nexperia B.V. All right...
BUK9Y30-75B NEXPERIA-BUK9Y30-75B Datasheet
670Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04 - 10 April 2008
logo
NXP Semiconductors
BUK9Y30-75B PHILIPS-BUK9Y30-75B_15 Datasheet
198Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04-10 April 2008
More results

Similar Description - BUK9Y30-75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com