Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-576K-100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-576K-100
Description  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-576K-100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-576K-100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-576K-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AC/DC to Logic Interface
Hermetically Sealed
Optocouplers
Technical Data
Applications
• Military and Space
• High Reliability Systems
• Transportation, Medical,
and Life Critical Systems
• Limit Switch Sensing
• Low Voltage Detector
• ac/dc Voltage Sensing
• Relay Contact Monitor
• Relay Coil Voltage Monitor
• Current Sensing
• Microprocessor Interface
• Telephone Ring Detection
• Harsh Industrial
Environments
Features
• Dual Marked with Device
Part Number and DSCC
Standard Microcircuit
Drawing
• Manufactured and Tested
on a MIL-PRF-38534
Certified Line
• QML-38534, Class H and K
• Hermetically Sealed 8-pin
Dual In-Line Packages
• Performance Guaranteed
over -55
°C to +125°C
• ac or dc Input
• Programmable Sense Voltage
• Hysteresis
• HCPL-3700 Operating
Compatibility
• Logic Compatible Output
• 1500 Vdc Withstand Test
Voltage
• Thresholds Guaranteed over
Temperature
• Thresholds Independent of
LED Characteristics
Description
These devices are single channel,
hermetically sealed, voltage/
current threshold detection
optocouplers. The products are
capable of operation and storage
over the full military temperature
range and can be purchased as
either standard product, or with
full MIL-PRF-38534 Class Level
H or K testing, or from the DSCC
Standard Microcircuit Drawing
(SMD) 5962-89477. All devices
are manufactured and tested on
a MIL-PRF-38534 certified line
and are included in the DSCC
Qualified Manufacturers List,
QML-38534 for Hybrid
Microcircuits.
Schematic
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
HCPL-576X*
5962-8947701
*See matrix for available extensions
HCPL-5760/1/K
The connection of a 0.1
µF bypass capacitor between pins 8 and 5 is recommended.


Similar Part No. - HCPL-576K-100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-576K-100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com