Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-8409 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-8409
Description  T-13/4 Super Ultra-Bright LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-8409 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-8409 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-8409 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Yellow HLMP-8305/8309
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity
HLMP-8305
Iv
212
350
mcd
IF = 20 mA
HLMP-8309
96
260
Forward Voltage
VF
2.1
2.6
V
IF = 20 mA
Reverse Breakdown Voltage
VR
5.0
30.0
V
IR = 100 µA
Included Angle Between
Half Intensity Points
HLMP-8305
2
θ
1/2
10
Deg.
HLMP-8309
20
Total Luminous Flux
φ
v
45
mlm
IF = 20 mA
Peak Wavelength
λ
PEAK
583
nm
Measured at Peak
Dominant Wavelength[1]
λ
d
585
nm
Spectral Line Half Width
∆λ
1/2
36
nm
Speed of Response
τ
s
90
ns
Capacitance
C
15
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-LEAD
210
°C/W
LED Junction-to-
Cathode Lead
Luminous Efficacy[2]
η
v
500
lm/W
Orange HLMP-8405/8409
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity
HLMP-8405
Iv
200
350
mcd
IF = 20 mA
HLMP-8409
90
260
Forward Voltage
VF
1.9
2.6
V
IF = 20 mA
Reverse Breakdown Voltage
VR
5.0
30.0
V
IR = 100 µA
Included Angle Between
Half Intensity Points
HLMP-8405
2
θ
1/2
10
Deg.
HLMP-8409
20
Total Luminous Flux
φ
v
45
mlm
IF = 20 mA
Peak Wavelength
λ
PEAK
600
nm
Measured at Peak
Dominant Wavelength[1]
λ
d
602
nm
Spectral Line Half Width
∆λ
1/2
40
nm
Speed of Response
τ
s
280
ns
Capacitance
C
4
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-LEAD
210
°C/W
LED Junction-to-
Cathode Lead
Luminous Efficacy[2]
η
v
380
lm/W


Similar Part No. - HLMP-8409

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-8100 HP-HLMP-8100 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-8102 HP-HLMP-8102 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-8103 HP-HLMP-8103 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
More results

Similar Description - HLMP-8409

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com