Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT50J341 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # GT50J341
Description  Discrete IGBTs Silicon N-Channel IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT50J341 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  GT50J341 Datasheet HTML 1Page - Toshiba Semiconductor GT50J341 Datasheet HTML 2Page - Toshiba Semiconductor GT50J341 Datasheet HTML 3Page - Toshiba Semiconductor GT50J341 Datasheet HTML 4Page - Toshiba Semiconductor GT50J341 Datasheet HTML 5Page - Toshiba Semiconductor GT50J341 Datasheet HTML 6Page - Toshiba Semiconductor GT50J341 Datasheet HTML 7Page - Toshiba Semiconductor GT50J341 Datasheet HTML 8Page - Toshiba Semiconductor GT50J341 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GT50J341
8
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
Weight: 4.6 g (typ.)
Package Name(s)
TOSHIBA: 2-16C1S
Nickname: TO-3P(N)
2014-01-07
Rev.3.0


Similar Part No. - GT50J341

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT50J301 TOSHIBA-GT50J301 Datasheet
282Kb / 5P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT50J301 TOSHIBA-GT50J301 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT50J322 TOSHIBA-GT50J322 Datasheet
254Kb / 5P
   N CHANNEL MOS TYPE (THE 4TH CENERATION CURRENT RESONACE INVERTER SWITHCING APPLICATIONS)
GT50J322 TOSHIBA-GT50J322 Datasheet
614Kb / 6P
   SILICON N CHANNEL IGBT FOURTH GENERATION IGBT
GT50J322 TOSHIBA-GT50J322 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - GT50J341

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT60PR21 TOSHIBA-GT60PR21 Datasheet
224Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J121 TOSHIBA-GT20J121 Datasheet
195Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com