Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TRS16N65FB Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TRS16N65FB
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS16N65FB Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TRS16N65FB Datasheet HTML 1Page - Toshiba Semiconductor TRS16N65FB Datasheet HTML 2Page - Toshiba Semiconductor TRS16N65FB Datasheet HTML 3Page - Toshiba Semiconductor TRS16N65FB Datasheet HTML 4Page - Toshiba Semiconductor TRS16N65FB Datasheet HTML 5Page - Toshiba Semiconductor TRS16N65FB Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TRS16N65FB
1
SiC Schottky Barrier Diode
TRS16N65FB
TRS16N65FB
TRS16N65FB
TRS16N65FB
Start of commercial production
2020-07
1.
1.
1.
1. Applications
Applications
Applications
Applications
Power Factor Correction
Solar Inverters
Uninterruptible Power Supplies
DC-DC Converters
2.
2.
2.
2. Features
Features
Features
Features
(1)
Chip design of 2nd generation
(2)
High non-repetitive peak forward surge current: IFSM (Per Leg) / (Both Legs) = 65 A / 130 A
(3)
Low junction capacitance: Cj (Per Leg) = 30 pF (typ.)
(4)
Low reverse current: IR (Per Leg) = 0.4 µA (typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
TO-247
1: Anode
2: Cathode (heatsink)
3: Anode
2020-07-03
Rev.1.0
©2019-2020
Toshiba Electronic Devices & Storage Corporation


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn