Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD8D36M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ESD8D36M
Description  ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD8D36M Datasheet(HTML) 1 Page - Rectron Semiconductor

  ESD8D36M Datasheet HTML 1Page - Rectron Semiconductor ESD8D36M Datasheet HTML 2Page - Rectron Semiconductor ESD8D36M Datasheet HTML 3Page - Rectron Semiconductor ESD8D36M Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The ESD8D36M is designed to protect
voltage sensitive components from ESD and
transient voltage events. Excellent clamping
capability, low leakage, and fast response time,
make these parts ideal for ESD protection on
designs where board space is at a premium.
Because of its small size, it is suited for use in
cellular
phones,
portable
devices,
digital
cameras,
power
supplies
and
many
other
portable applications.
—Transient protection for high-speed data lines
IEC 61000-4-2 (ESD)
±15kV (Air)
±8kV (Contact)
—Protects one directional I/O or Vcc line
—Low clamping voltage
—Working voltages : 36V
—Low leakage current
—DFN1006 package
—Flammability Rating: UL 94V-0
—Packaging: Tape and Reel
—High temperature soldering guaranted:
260
/10s
—Reel size: 7 inch
— Device: ESD8D36M
—Package: DFN1006
—Marking: YN
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 10,000pcs
—Cell Phone Handsets and Accessories
—Microprocessor based equipment
—Personal Digital Assistants (PDA’s)
—Notebooks, Desktops, and Servers
—Portable Instrumentation
—Peripherals
—LED bypass
ESD Protection Diode
2020-11/01
REV:O
DESCRIPTION
FEATURES
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PACKAGE OUTLINE
PIN CONFIGURATION
ESD8D36M


Similar Part No. - ESD8D36M

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ESD8D3.3C YFWDIODE-ESD8D3.3C Datasheet
958Kb / 4P
   ESD8D3.3C is a bidirectional low capacitance electrostatic discharge protector produced by advanced silicon circuit technology
logo
Rectron Semiconductor
ESD8D3V3 RECTRON-ESD8D3V3 Datasheet
248Kb / 4P
   ESD Protection Diode
ESD8D3V3 RECTRON-ESD8D3V3 Datasheet
250Kb / 4P
   ESD Protection Diode
logo
Shanghai Leiditech Elec...
ESD8D3V3C LEIDITECH-ESD8D3V3C Datasheet
430Kb / 3P
   BIDIRECTIONAL TVS DIODE
More results

Similar Description - ESD8D36M

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com