Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZE12 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part No. ZE12
Description  Electrochemical Gas Detection Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZE12 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZE12 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE12 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE12 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE12 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE12 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE12 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co.,Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Electrochemical Detection Module ZE12
ZE10 is a general-purpose and high-performance electrochemical module. It can detect the CO、
SO2、NO2、O3 based on electrochemical principle, it has good selectivity and stability. A
temperature sensor is built-in for temperature compensation. It has the digital output and analog
voltage output at the same time which facilities the usage and calibration and shorten the
development period. It is a combination of mature electrochemical detection principle and
sophisticated circuit design, to meet customers’ different detection needs.
Features
High sensitivity & resolution
Low power consumption & long working life
UART, analog voltage and PWM output
Good stability and excellent anti-interference ability
Main Application
City atmospheric environmental monitoring , enterprise environment monitoring,
Factory area unorganized emission monitoring, emergency monitoring, environment
evaluation monitoring, Portable gas detector, various gas detection equipment and
smart home appliance.
Technical Parameters
Figure 1:Module chart
Model No.
ZE12
Target Gas
CO, H2S, NO2, SO2, O3
Preheat time
≤5 Min
Response time
≤30 Sec
Resume time
≤30 Sec
Resolution
≤10ppb
Working Voltage
DC 5.0V±0.1V
Output Data
DAC(0.4~2V)
standard voltage signal
UART Output(3V level,
compatible with 5V)
PWM Output
Dimension
Φ39×44 mm
Weight
75g
Operating Environment
Temp.: -20~50℃
Humidity.: 15%RH-90%RH
(no condensation)
Storage Environment
Temp.: -20~50℃
Lifespan
2 year(in air)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn