Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZE14-O3 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part No. ZE14-O3
Description  Electrochemical Ozone Detection Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZE14-O3 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZE14-O3 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co.,Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
* Functional description: checksum【Non(sending/receiving command
Byte1+Byte2+…Byte7) +1】
* Function description:
NegateElement 1 of Array+ element 2+….Element(n-1) +1
**********************************************************************/
unsigned char FucCheckSum(unsigned char *i,unsigned char ln)
{
unsigned char j,tempq=0;
i+=1;
for(j=0;j<(ln-2);j++)
{
tempq+=*i;
i++;
}
tempq=(~tempq)+1;
return(tempq);
}
Cautions
1. Prohibit pluging and pulling the sensor on the module.
2. prohibit changing and shifting the installation of electronic components.
3. Sensor shall avoid organic solvent (including silicone and other adhesives), coatings, medicine, oil and high
concentration gases.
4. The module cannot withstand excessive impact or vibration.
5. Please keep the modules warming up for at least 5 hours when first time using.
6. Please do not use the modules in systems which related to human being’s safety.
7. Please do not use the modules in strong air convection environment.
8. Please do not expose the modules in high concentration organic gas for a long time.
9.To avoid positive vertical gas inflowing while the modules are test and used.
10. The inlet surface of the sensor shall not be blocked or contaminated.
11. The waterproof breathable membrane above the sensor is strictly forbidden to be opened and broken.
12. Do not use it if any damage or deformation.
13. Ban using hot melt adhesive or sealant curing temperature higher than 80 ℃ or more to seal the sensor.
14. It is forbidden to store and use in high concentration alkaline gases for a long time.
Zhengzhou Winsen Electronics Technology Co., Ltd
Add: No.299, Jinsuo Road, National Hi-Tech Zone,
Zhengzhou 450001 China
Tel: +86-371-67169097/67169670
Fax: +86-371-60932988
E-mail: sales@winsensor.com
Website: www.winsen-sensor.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn