Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ZE14-O3 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part No. ZE14-O3
Description  Electrochemical Ozone Detection Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZE14-O3 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZE14-O3 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZE14-O3 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co.,Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Electrochemical Ozone Detection Module ZE14-O3
Product Description
ZE14-O3 is a general-purpose and miniaturization electrochemical Ozone detection module. It utilizes
electrochemical principle to detect ozone in air which makes the module with high selectivity and stability.
It is a combination of mature electrochemical detection principle and sophisticated circuit design.
Features
*High sensitivity and resolution, low consumption, long life
*UART output
*Two options for detection range: 0~100ppm
Application
Ozone disinfection cabinet, smart home devices &etc.
Parameters
stable1.
Fig.1 structure (tolerance ±0.1mm)
Model No.
ZE14-O3
Target Gas
Ozone (O3)
Interference Gas
NO2,CL2&etc.
Output Data
UART Output
(3V Electrical Level)
Working Voltage
5±0.1V DC
Warm up time
180S
Response time
≤90S
Resume time
≤90S
Detection Range
0~100ppm
Resolution
0.1ppm
Operating Temp.
-10℃~65℃
Operating Hum.
15%RH-90%RH (No
condensation)
Storage temp.
-20℃~65℃
Working life
2 years (in air)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn