Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZQ02-O3 Datasheet(PDF) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZQ02-O3
Description  Ozone
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZQ02-O3 Datasheet(HTML) 5 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZQ02-O3 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZQ02-O3 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZQ02-O3 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZQ02-O3 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZQ02-O3 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZQ02-O3 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZQ02-O3 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Application Principles
Indication for module’s status
Preheating status: Power indicator is shining once power on and it gets light for long in three minutes after
preheating is finished
Fault status: When the sensor malfunctions, yellow indicator enters the cycle of light on for 750ms and off for
750ms.
Alarm status: When the gas concentration reaches the threshold, red indicator enters the cycle of light on for
70ms and off for 130ms.
Application
Development of household ozone alarm device and household ozone detector.


Similar Description - ZQ02-O3

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
MQ131 WINSEN-MQ131 Datasheet
556Kb / 6P
   Ozone Gas Sensor
ZE27-O3 WINSEN-ZE27-O3 Datasheet
213Kb / 7P
   Electrochemical Ozone Detection Module
ZE25-O3 WINSEN-ZE25-O3 Datasheet
702Kb / 6P
   Electrochemical Ozone Detection Module
ZE14-O3 WINSEN-ZE14-O3 Datasheet
198Kb / 5P
   Electrochemical Ozone Detection Module
logo
Vishay Siliconix
PM1WI1 VISHAY-PM1WI1 Datasheet
97Kb / 2P
   Ozone Depleting Substances Policy Statement
Rev. 1.1, 28-Jul-04
logo
List of Unclassifed Man...
1344845 ETC2-1344845 Datasheet
98Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
logo
Belden Inc.
TF-1D9-006-RN5 BELDEN-TF-1D9-006-RN5 Datasheet
174Kb / 2P
   Factory, InOutdoor, DN, OM1, 6f, Non-Unit, Sgl Jkt - PVC, OFNR,Ozone-UV-Oil Res
2022 Belden, Inc
logo
List of Unclassifed Man...
1344531 ETC2-1344531 Datasheet
97Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
1345962 ETC2-1345962 Datasheet
95Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
logo
Belden Inc.
TF-3DK-048-RN5 BELDEN-TF-3DK-048-RN5 Datasheet
193Kb / 2P
   Factory, InOutdoor, DN, OM3, 48f, Unitized, Sgl Jkt - PVC, OFNR,Ozone-UV-Oil Res
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com