Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2921-61356-XS Datasheet(PDF) 1 Page - Amphenol Corporation

Part # SF2921-61356-XS
Description  SMA JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SF2921-61356-XS Datasheet(HTML) 1 Page - Amphenol Corporation

  SF2921-61356-XS Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01
PRELIMINARY
12/16
DAL
CHECKED:
APPROVED:
DRAWN:
DAL 12/08/16
DAL 12/08/16
BNK 12/08/16
ROHS COMPLIANT
PRODUCT DATA DRAWING
MATERIAL:
BODY & SCREWS:
STAINLESS STEEL
CONTACT:
BERYLLIUM COPPER
INSULATOR:
PTFE
FINISH:
BODY & SCREWS:
PASSIVATED
CONTACT:
GOLD OVER NICKEL
SCREW OPTIONS
L
FOR -1S
.188
FOR -2S
.250
FOR -3S
.438
SV P/N
DESCRIPTION
PCB THICKNESS
SF2921-61356-1S
INCL. TWO .188 SCREWS
.023 TO .123
SF2921-61356-2S
INCL. TWO .250 SCREWS
.085 TO .185
SF2921-61356-3S
INCL. TWO .438 SCREWS
.273 TO .373
SF2921-61356
NO SCREWS
.023 TO .373
SV P/N
DESCRIPTION
PCB THICKNESS
SF2921-61356-1S
INCL. TWO .188 SCREWS
.023 TO .123
SF2921-61356-2S
INCL. TWO .250 SCREWS
.085 TO .185
SF2921-61356-3S
INCL. TWO .438 SCREWS
.273 TO .373
SF2921-61356
NO SCREWS
.023 TO .373
SCREW OPTIONS
L
FOR -1S
.188
FOR -2S
.250
FOR -3S
.438
1/4-36 UNS-2A
RP
.065 1.65
.379 9.63
.116 2.95
L
.044 1.12
0-80 UNF-2A
SIZE
APPROVED
DATE
REVISION HISTORY
DESCRIPTION
REV
SEE NOTES
SEE NOTES
SCALE: 10:1
SURFACE AREA:
DWG. NO.
B
MATERIAL:
FINISH:
PER ASME Y14.5M - 1994
e
4) CHAM. 1ST & LAST THREADS.
7) REMOVE ALL BURRS
UNLESS OTHERWISE SPECIFIED
SF2921-61356-XS
95077
3) BREAK CORNERS & EDGES .005 R. MAX.
WITHIN T.I.R.
West Palm Beach, FL 33409
TITLE:
CAGE CODE
IS THE SOLE PROPERTY OF SV MICROWAVE, INC.
2) ALL DIMENSIONS ARE AFTER PLATING.
1) ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
SV MICROWAVE, INC IS PROHIBITED.
THIRD ANGLE PROJECTION
MIL-STD-10.
5) SURFACE ROUGHNESS 63
6) DIA.’S ON COMMON CENTERS TO BE CONCENTRIC
THE INFORMATION CONTAINED IN THIS DRAWING
2400 Centrepark West Drive, Suite 100
INTERPRET DIMENSIONS AND TOLERANCES
PROPRIETARY
N/A
WITHOUT THE WRITTEN PERMISSION OF
ANY REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
DIMENSIONS ARE IN INCHES TOLERANCES:
FRACTIONAL:
1/64
ANGULAR: X
1 0'
X X'
15'
DECIMAL: .X
.030
.XX
.010
.XXX
.005
SMA JACK 2 HOLE FLANGE
WITH MOUNTING SCREWS
2X 0-80 UNF-2B
THRU HOLES
5.64
.222
.282 7.16


Similar Part No. - SF2921-61356-XS

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
SF2921-61356-XS SVMICROWAVE-SF2921-61356-XS Datasheet
500Kb / 1P
   SMA JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
More results

Similar Description - SF2921-61356-XS

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SF2921-61345-XS AMPHENOL-SF2921-61345-XS Datasheet
83Kb / 1P
   SMA JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
logo
Amphenol SV Microwave
SF2921-61356-XS SVMICROWAVE-SF2921-61356-XS Datasheet
500Kb / 1P
   SMA JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
SF2921-61345-XS SVMICROWAVE-SF2921-61345-XS Datasheet
506Kb / 1P
   SMA JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
SF1621-60029-XS SVMICROWAVE-SF1621-60029-XS Datasheet
510Kb / 1P
   2.4mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
logo
Amphenol Corporation
SF1621-60029-XS AMPHENOL-SF1621-60029-XS Datasheet
87Kb / 1P
   2.4mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
SF1621-60026-XS AMPHENOL-SF1621-60026-XS Datasheet
86Kb / 1P
   2.4mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
logo
Amphenol SV Microwave
SF1521-60070-XS SVMICROWAVE-SF1521-60070-XS Datasheet
509Kb / 1P
   2.92mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
logo
Amphenol Corporation
SF1521-60070-XS AMPHENOL-SF1521-60070-XS Datasheet
86Kb / 1P
   2.92mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
SF1521-60061-XS AMPHENOL-SF1521-60061-XS Datasheet
82Kb / 1P
   2.92mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
logo
Amphenol SV Microwave
SF1521-60061-XS SVMICROWAVE-SF1521-60061-XS Datasheet
506Kb / 1P
   2.92mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com