Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2052AFJ Datasheet(PDF) 3 Page - Rohm

Part # BD2052AFJ
Description  High-Side Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2052AFJ Datasheet(HTML) 3 Page - Rohm

  BD2052AFJ Datasheet HTML 1Page - Rohm BD2052AFJ Datasheet HTML 2Page - Rohm BD2052AFJ Datasheet HTML 3Page - Rohm BD2052AFJ Datasheet HTML 4Page - Rohm BD2052AFJ Datasheet HTML 5Page - Rohm BD2052AFJ Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
3/20
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BD6512F/BD6513F(VDD =5V, Ta=25℃, unless otherwise specified.)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating current
IDD
-
85
120
μA
VCTRL=5V(BD6512F), 0V(BD6513F)
OUT=OPEN
-
0.01
2
μA
VCTRL=0V(BD6512F), 5V(BD6513F)
OUT=OPEN
Control input voltage
VCTRL
-
-
0.7
V
CTRL Low Level Input
2.5
-
-
V
CTRL High Level Input
Control input current
ICTRL
-1
0.01
1
μA
VCTRL=0V or 5V
On resistance
RON
-
100
130
mΩ
VDD=5V,IOUT=500mA
-
120
160
mΩ
VDD=3.3V,IOUT=500mA
Turn on delay
TRD
100
600
2000
μs
RL=10Ω
Turn on rise time
TR
200
1500
6000
μs
RL=10Ω
Turn off delay
TFD
-
3
20
μs
RL=10Ω
Turn off fall time
TF
-
20
μs
RL=10Ω
UVLO threshold voltage
VUVLOH
2.3
2.5
2.7
V
VDD increasing
VUVLOL
2.1
2.3
2.5
V
VDD decreasing
Thermal shutdown threshold
TTS
-
135
-
ºC
Flag output resistance
RFLAG
-
16
40
Ω
IFLAG=5mA
Flag off current
IFLAG
-
0.01
1
μA
Current limit threshold
ITHLIM
1.25
1.65
2.20
A
Over current limit level
ILIM
0.6
1.1
1.6
A
BD6516F/BD6517F (VDD =5V, Ta=25℃, unless otherwise specified.)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Current consumption
IDD
-
100
140
μA
VCTRL=5V(BD6516F), 0V(BD6517F)
OUT=OPEN
-
0.01
2
μA
VCTRL=0V(BD6516F), 5V(BD6517F)
OUT=OPEN
CTRL input voltage
VCTRL
-
-
0.7
V
Low level input voltage
2.5
-
-
V
High level input voltage
CTRL input current
ICTRL
-1
0.01
1
μA
VCTRL=0V or 5V
FLAG output resistance
RFLAG
-
250
450
IFLAG=1mA
FLAG output leak current
IFLAG
-
0.01
1
μA
VFLAG=5V
FLAG output delay
TDFL
-
1
4
ms
ON resistance
RON
-
110
150
mΩ
VDD=5V,IOUT=500mA
-
140
180
mΩ
VDD=3.3V,IOUT=500mA
Short circuit output current
ISC
1.2
1.65
2.2
A
VOUT=0V
Output leak current
ILEAK
-
-
10
μA
VCTRL=0V(BD6516F), 5V(BD6517F)
Thermal shutdown threshold
TTS
-
135
-
ºC
At Tj increase
Output rise time
TON1
100
1300
4000
μs
RL=10Ω
Output turn on delay time
TON2
200
1500
6000
μs
RL=10Ω
Output fall time
TOFF1
-
1
20
μs
RL=10Ω
Output turn off delay time
TOFF2
-
3
20
μs
RL=10Ω


Similar Part No. - BD2052AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2052AFJ ROHM-BD2052AFJ Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Similar Description - BD2052AFJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
   High-side Switch
logo
Rohm
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
   High Side Switch
logo
Linear Technology
LT1089 LINER-LT1089_15 Datasheet
134Kb / 8P
   High Side Switch
logo
Rohm
BD6513F ROHM-BD6513F Datasheet
211Kb / 6P
   High-Side Switch
BD6519FJ ROHM-BD6519FJ Datasheet
305Kb / 6P
   High Side Switch
logo
Siemens Semiconductor G...
BTS432D SIEMENS-BTS432D Datasheet
149Kb / 7P
   High-side switch
logo
Rohm
BD6510F ROHM-BD6510F Datasheet
210Kb / 6P
   High-Side Switch
BD6517F ROHM-BD6517F Datasheet
209Kb / 6P
   High Side Switch
logo
Sanyo Semicon Device
4AM01MH5 SANYO-4AM01MH5 Datasheet
26Kb / 4P
   High-side Switch
logo
Siemens Semiconductor G...
BTS410E SIEMENS-BTS410E Datasheet
403Kb / 12P
   High-side switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com