Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1100.3AG Datasheet(PDF) 1 Page - General Electric Company

Part # LM1100.3AG
Description  Full Size HCMOS/TTL Compatible Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

LM1100.3AG Datasheet(HTML) 1 Page - General Electric Company

  LM1100.3AG Datasheet HTML 1Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LM1100 Series
Full Size HCMOS/TTL Compatible Oscillators
• HCMOS/TTL Output
• 5.0V Supply Voltage
• 14 pin DIP package
• Gull wing / J-Lead Option
ELECTRICAL SPECIFICATIONS
Frequency Range
300 KHz – 40MHz
40 MHz – 175MHz
Frequency Stability
±25ppm
±50ppm
±100ppm
Operating Temperature Range
0 ~ +70°C (TTL),
-20 ~ +70°C (CMOS)
Storage Temperature Range
-55 ~ +125°C
Input Voltage
+5.0VDC ±10%
Input Current
30mA Max
40mA Max
Symmetry
40/60 ~ 60/40%
or 45/55 ~ 55/45% (at 1.4V or ½ VDD)
TTL
5nSeconds Max
5nSeconds Max
Rise / Fall Time
CMOS
6nSeconds Max
6nSeconds Max
TTL
VOL: 0.4V Max
VOH: +2.4V Min
VOL: 0.4V Max
VOH: +2.4V Min
Output Level
CMOS
VOL: 0.5V Max
VOH: VDD – 0.5V Min
VOL: 0.5V Max
VOH: VDD – 0.5V Min
Output Load
CMOS, compatible, 1~10TTL Gates
No connection
Enables Output
VIH
2.4VDC Min to Enable Output
Pin 1 Tri-state Input Voltage
VIL
0.8VDC Max to Disable Output
PART NUMBERING GUIDE
LM1100 .3 C (E/D) G – 100.000MHz
Input Voltage
Frequency
Blank - 5V
.3
- 3.3V
Available Lead Option
Blank - standard
G - Gull Wing
Frequency Tolerance/Stability
J - J-Lead
Blank or A - ±100ppm
B
- ± 50ppm
Pin 1 Connection
C
- ± 25ppm
Blank - No connection
X
- Customer Specified
(E/D) - Enable/Disable
function or Tristate
PACKAGE DIMENSIONS
General Electronic Devices
Pin 1: No connect or Tristate
Pin 7: Case Ground
Pin 8: Output
Pin 14: Supply Voltage
320 So. Pacific St. San Marcos, CA 92069 Tel: (760) 591-4170 Fax: (760) 591-4164 Email: gedlm@4dcomm.com Website: www.gedlm.com


Similar Part No. - LM1100.3AG

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LM1100 SEMTECH_ELEC-LM1100 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LM1100.3AG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 08-Mar-11
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
   Full Size Clock Oscillators TTL Compatible
Revision: 17-Jun-05
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 05-Mar-07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com