Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP83C251SB16 Datasheet(PDF) 11 Page - Intel Corporation

Part # TP83C251SB16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP83C251SB16 Datasheet(HTML) 11 Page - Intel Corporation

Back Button TP83C251SB16 Datasheet HTML 7Page - Intel Corporation TP83C251SB16 Datasheet HTML 8Page - Intel Corporation TP83C251SB16 Datasheet HTML 9Page - Intel Corporation TP83C251SB16 Datasheet HTML 10Page - Intel Corporation TP83C251SB16 Datasheet HTML 11Page - Intel Corporation TP83C251SB16 Datasheet HTML 12Page - Intel Corporation TP83C251SB16 Datasheet HTML 13Page - Intel Corporation TP83C251SB16 Datasheet HTML 14Page - Intel Corporation TP83C251SB16 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
PRELIMINARY
11
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P3.0
P3.1
P3.3:2
P3.5:4
P3.6
P3.7
I/O
Port 3. This is an 8-bit, bidirectional I/O port with internal pullups.
RXD
TXD
INT1:0#
T1:0
WR#
RD#/A16
PSEN#
O
Program Store Enable. Read signal output. This output is asserted
for a memory address range that depends on bits RD0 and RD1 in
configuration byte UCONFIG0 (see RD# and Chapter 4, “Device Con-
figuration,” in the 8XC251SA/SB/SP/SQ Embedded Microcontroller
User’s Manual).
RD#
O
Read or 17th Address Bit (A16). Read signal output to external data
memory or 17th external address bit (A16), depending on the values of
bits RD0 and RD1 in configuration byte UCONFIG0. (See PSEN# and
Chapter 4, “Device Configuration,” in the 8XC251SA/SB/SP/SQ
Embedded Microcontroller User’s Manual).
P3.7/A16
RST
I
Reset. Reset input to the chip. Holding this pin high for 64 oscillator
periods while the oscillator is running resets the device. The port pins
are driven to their reset conditions when a voltage greater than VIH1 is
applied, whether or not the oscillator is running. This pin has an inter-
nal pulldown resistor, which allows the device to be reset by connect-
ing a capacitor between this pin and VCC.
Asserting RST when the chip is in idle mode or powerdown mode
returns the chip to normal operation.
RXD
I/O
Receive Serial Data. RXD sends and receives data in serial I/O mode
0 and receives data in serial I/O modes 1, 2, and 3.
P3.0
T1:0
I
Timer 1:0 External Clock Inputs. When timer 1:0 operates as a
counter, a falling edge on the T1:0 pin increments the count.
P3.5:4
T2
I/O
Timer 2 Clock Input/Output. For the timer 2 capture mode, this signal
is the external clock input. For the clock-out mode, it is the timer 2
clock output.
P1.0
T2EX
I
Timer 2 External Input. In timer 2 capture mode, a falling edge ini-
tiates a capture of the timer 2 registers. In auto-reload mode, a falling
edge causes the timer 2 registers to be reloaded. In the up-down
counter mode, this signal determines the count direction: 1 = up, 0 =
down.
P1.1
TXD
O
Transmit Serial Data. TXD outputs the shift clock in serial I/O mode 0
and transmits serial data in serial I/O modes 1, 2, and 3.
P3.1
V
CC
PWR
Supply Voltage. Connect this pin to the +5V supply voltage.
V
CC
2
PWR
Secondary Supply Voltage 2. This supply voltage connection is pro-
vided to reduce power supply noise. Connection of this pin to the +5V
supply voltage is recommended. However, when using the 8XC251SB
as a pin-for-pin replacement for the 8XC51FX, V
SS
2 can be uncon-
nected without loss of compatibility. (Not available on DIP)
Table 6. Signal Descriptions (Continued)
Signal
Name
Type
Description
Alternate
Function
The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the nonpage-mode chip configuration (com-
patible with 44-pin PLCC and 40-pin DIP MCS 51 microcontrollers). If the chip is configured for page-
mode operation, port 0 carries the lower address bits (A7:0), and port 2 carries the upper address bits
(A15:8) and the data (D7:0).


Similar Part No. - TP83C251SB16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TP83C51FA INTEL-TP83C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - TP83C251SB16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com