Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7812ACT Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # LM7812ACT
Description  3-Terminal 1A Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7812ACT Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button LM7812ACT Datasheet HTML 2Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 3Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 4Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 5Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 6Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 7Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 8Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 9Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.fairchildsemi.com
6
Electrical Characteristics (LM7812)
(Refer to the test circuits.
40qC  TJ  125qC, IO = 500mA, VI = 19V, CI = 0.33PF, CO = 0.1PF, unless otherwise specified)
Note 12: Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with
low duty is used.
Note 13: These parameters, although guaranteed, are not 100% tested in production.
Electrical Characteristics (LM7815)
(Refer to the test circuits.
40qC  TJ  125qC, IO = 500mA, VI = 23V, CI = 0.33PF, CO = 0.1PF, unless otherwise specified)
Note 14: Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with
low duty is used.
Note 15: These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25qC
11.5
12.0
12.5
V
5mA
d IO d 1A, PO d 15W, VI = 14.5V to 27V
11.4
12.0
12.6
Line Regulation
Regline
TJ = 25qCVI = 14.5V to 30V
10.0
240
mV
(Note 12)
VI = 16V to 22V
3.0
120
Load Regulation
Regload
TJ = 25qCIO = 5mA to 1.5mA
11.0
240
mV
(Note 12)
IO = 250mA to 750mA
5.0
120
Quiescent Current
IQ
TJ = 25qC–
5.1
8.0
mA
Quiescent Current Change
'IQ
IO = 5mA to 1A
0.1
0.5
mA
VI = 14.5V to 30V
0.5
1.0
Output Voltage Drift (Note 13)
'VO/'TIO = 5mA
1.0
mV/
qC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA = 25qC
76.0
PV/VO
Ripple Rejection (Note 13)
RR
f = 120Hz, VI = 15V to 25V
55.0
71.0
dB
Dropout Voltage
VDROP
IO = 1A, TJ = 25qC–
2.0
V
Output Resistance (Note 13)
rO
f = 1KHz
18.0
m
:
Short Circuit Current
ISC
VI = 35V, TA = 25qC–
230
mA
Peak Current (Note 13)
IPK
TJ =25qC–
2.2
A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25qC
14.4
15.0
15.6
V
5mA
d IO d 1A, PO d 15W, VI = 17.5V to 30V
14.25
15.0
15.75
Line Regulation
Regline
TJ = 25qCVI = 17.5V to 30V
11.0
300
mV
(Note 14)
VI = 20V to 26V
3.0
150
Load Regulation
Regload
TJ = 25qCIO = 5mA to 1.5mA
12.0
300
mV
(Note 14)
IO = 250mA to 750mA
4.0
150
Quiescent Current
IQ
TJ = 25qC–
5.2
8.0
mA
Quiescent Current Change
'IQ
IO = 5mA to 1A
0.5
mA
VI = 17.5V to 30V
1.0
Output Voltage Drift (Note 15)
'VO/'TIO = 5mA
1.0
mV/
qC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA = 25qC
90.0
PV/VO
Ripple Rejection (Note 15)
RR
f = 120Hz, VI = 18.5V to 28.5V
54.0
70.0
dB
Dropout Voltage
VDROP
IO = 1A, TJ = 25qC–
2.0
V
Output Resistance (Note 15)
rO
f = 1KHz
19.0
m
:
Short Circuit Current
ISC
VI = 35V, TA = 25qC–
250
mA
Peak Current (Note 15)
IPK
TJ =25qC–
2.2
A


Similar Part No. - LM7812ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7812ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com