Electronic Components Datasheet Search |
|
AN9DD00 Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
AN9DD00 Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 6 page Analog Master Slice AN9D, AN9E, AN9F Series 3 Product name AN9DA00 AN9DB00 AN9DC00 AN9DE00 AN9DD00* AN9DF00 Remarks Pad count 28 36 55 64 75 32 Total element count 1 287 2 424 3 854 5 106 6 602 1 607 Transistor count 306 600 920 1 288 1 610 306 A11 320 448 560 Basic size NPN A21 160 224 280 Double size A62P 8 8 8 62 times size B11 126 252 126 Basic size (CW winding) LA1 84 168 84 Basic size (Lateral type) PNP LA4S 4 4 4 8 times size (Lateral type) V11 84 168 320 448 560 84 Basic size (Vertical type) V21 120 168 210 Double size (Vertical type) Gate countIIL 320 Resistor count 969 1 800 2 854 3 706 4 852 969 SP 5 k Ω 474 888 1 408 1 728 2 440 474 10 k Ω 198 336 480 640 800 198 SP2 2.5 k Ω 297 576 966 1 338 1 612 297 Resistance variable Capacitor count 5 pF 12 24 80 112 140 12 Note) *: Under development • AN9D series (V CC = to 12 V, fT(max) = 2.6 GHz) • High speed low power dissipation process • Constant-variable resistor and capacitor elements built in • Large current transistor built in (AN9DA00, AN9DB00, AN9DF00) • Optimal for a control-system application due to built-in collector wall type NPN transistors and lateral PNP transis- tors (AN9DA00, AN9DB00, AN9DF00) • Optimal for signal processing application due to built-in high speed NPN transistors and vertical PNP transistors (AN9DC00, AN9DD00, AN9DE00) • IIL element built-in (AN9DF00) |
Similar Part No. - AN9DD00 |
|
Similar Description - AN9DD00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |