Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16489 Datasheet(PDF) 32 Page - Analog Devices

Part No. ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 28Page - Analog Devices ADIS16489 Datasheet HTML 29Page - Analog Devices ADIS16489 Datasheet HTML 30Page - Analog Devices ADIS16489 Datasheet HTML 31Page - Analog Devices ADIS16489 Datasheet HTML 32Page - Analog Devices ADIS16489 Datasheet HTML 33Page - Analog Devices ADIS16489 Datasheet HTML 34Page - Analog Devices ADIS16489 Datasheet HTML 35Page - Analog Devices ADIS16489 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADIS16489
Data Sheet
Rev. B | Page 32 of 40
Solving for ΔX_ACCL_OUT, ΔZ_GYRO_OUT,
ΔY_GYRO_OUT, and ΔX_GYRO_OUT
Use Equation 1 to Equation 4 to solve for ΔX_ACCL_OUT,
ΔZ_GYRO_OUT, ΔY_GYRO_OUT, and ΔX_GYRO_OUT,
which the following bits provide user control for in the
ALM_CFG_0 register (see Table 170) in Bits[13:12], Bits[9:8],
Bits[5:4], and Bits[1:0].
( )
(
)
=
=
=
7
0
7
0
112
8
1
n
A
n
A
n
X
n
X
T
ΔX_ACCL_OU
(1)
where XA = X_ACCL_OUT.
( )
(
)
=
=
=
7
0
7
0
112
8
1
n
G
n
G
n
Z
n
Z
T
ΔZ_GYRO_OU
(2)
where ZG = Z_GYRO_OUT.
( )
(
)
=
=
=
7
0
7
0
112
8
1
n
G
n
G
n
Y
n
Y
T
ΔY_GYRO_OU
(3)
where YG = Y_GYRO_OUT.
( )
(
)
=
=
=
7
0
7
0
112
8
1
n
G
n
G
n
X
n
X
T
ΔX_GYRO_OU
(4)
where XG = X_GYRO_OUT.
Table 170. ALM_CNFG_0 Bit Definitions
Bits
Description
15
X-axis accelerometer; 0: alarm is off, 1: alarm is on
14
Not used
[13:12]
X-axis accelerometer polarity and mode settings; select
one of the four options for the condition that triggers
the alarm (ALM_STS[3] = 1, see Table 20)
00: X_ACCL_OUT < XA_ALM_MAGN
01: ΔX_ACCL_OUT < XA_ALM_MAGN (see Equation 1)
10: X_ACCL_OUT > XA_ALM_MAGN
11: ΔX_ACCL_OUT > XA_ALM_MAGN (see Equation 1)
11
Z-axis gyroscope; 0: alarm is off, 1: alarm is on
10
Not used
[9:8]
Z-axis gyroscope polarity and mode settings; select
one of the four options for the condition that triggers
the alarm (ALM_STS[2] = 1, see Table 20)
00: Z_GYRO_OUT < ZG_ALM_MAGN
01: ΔZ_GYRO_OUT < ZG_ALM_MAGN (see Equation 2)
10: Z_GYRO_OUT > ZG_ALM_MAGN
11: ΔZ_GYRO_OUT > ZG_ALM_MAGN (see Equation 2)
7
Y-axis gyroscope; 0: alarm is off, 1: alarm is on
6
Not used
[5:4]
Y-axis gyroscope polarity and mode settings. Select
one of the four options for the condition that triggers
the alarm (ALM_STS[1] = 1, see Table 20)
00: Y_GYRO_OUT < YG_ALM_MAGN
01: ΔY_GYRO_OUT < YG_ALM_MAGN (see Equation 3)
10: Y_GYRO_OUT > YG_ALM_MAGN
11: ΔY_GYRO_OUT > YG_ALM_MAGN (see Equation 3)
3
X-axis gyroscope; 0: alarm is off, 1: alarm is on
Bits
Description
2
Not used
1:0
X-axis gyroscope polarity and mode settings; select
one of the four options for the condition that triggers
the alarm flag (ALM_STS[0] = 1, see Table 20)
00: X_GYRO_OUT < XG_ALM_MAGN
01: ΔX_GYRO_OUT < XG_ALM_MAGN (see Equation 4)
10: X_GYRO_OUT > XG_ALM_MAGN
11: ΔX_GYRO_OUT > XG_ALM_MAGN (see Equation 4)
Table 171. ALM_CNFG_1 Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x22, 0x23
0x0000
R/W
Yes
Solving for ΔZ_ACCL_OUT and ΔY_ACCL_OUT
Use Equation 5 and Equation 6 to solve for ΔZ_ACCL_OUT
and ΔY_ACCL_OUT in Bits[5:4] and Bits[1:0] in Table 172.
( )
(
)
=
=
=
7
0
7
0
112
8
1
n
A
n
A
n
Z
n
Z
T
ΔZ_ACCL_OU
(5)
where ZA = Z_ACCL_OUT.
( )
(
)
=
=
=
7
0
7
0
112
8
1
n
A
n
A
n
Y
n
Y
T
ΔY_ACCL_OU
(6)
where YA = Y_ACCL_OUT.
Table 172. ALM_CNFG_1 Bit Definitions
Bits
Description
[15:8]
Not used
7
Z-axis accelerometer; 0: alarm is off, 1: alarm is on
6
Not used
[5:4]
Z-axis accelerometer polarity and mode settings; select
one of the four options for the condition that triggers
the alarm (ALM_STS[5] = 1, see Table 20)
00: Z_ACCL_OUT < ZA_ALM_MAGN
01: ΔZ_ACCL_OUT < ZA_ALM_MAGN (see Equation 5)
10: Z_ACCL_OUT > ZA_ALM_MAGN
11: ΔZ_ACCL_OUT > ZA_ALM_MAGN (see Equation 5)
4
Z-axis accelerometer mode, 0: static, 1: dynamic
3
Y-axis accelerometer; 0: alarm is off, 1: alarm is on
2
Not used
[1:0]
Y-axis accelerometer polarity and mode settings; select
one of the four options for the condition that triggers
the alarm (ALM_STS[4] = 1, see Table 20)
00: Y_ACCL_OUT < YA_ALM_MAGN
01: ΔY_ACCL_OUT < YA_ALM_MAGN (see Equation 6)
10: Y_ACCL_OUT > YA_ALM_MAGN
11: ΔY_ACCL_OUT > YA_ALM_MAGN (see Equation 6)
Table 173. ALM_CNFG_2 Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x24, 0x25
0x0000
R/W
Yes


Similar Part No. - ADIS16489

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz