Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16489 Datasheet(PDF) 36 Page - Analog Devices

Part # ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 32Page - Analog Devices ADIS16489 Datasheet HTML 33Page - Analog Devices ADIS16489 Datasheet HTML 34Page - Analog Devices ADIS16489 Datasheet HTML 35Page - Analog Devices ADIS16489 Datasheet HTML 36Page - Analog Devices ADIS16489 Datasheet HTML 37Page - Analog Devices ADIS16489 Datasheet HTML 38Page - Analog Devices ADIS16489 Datasheet HTML 39Page - Analog Devices ADIS16489 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADIS16489
Data Sheet
Rev. B | Page 36 of 40
Table 211. Configuration Example, FIR Coefficient
DIN
Description
0x8006
Turn to Page 6
0x9E57
FIR_COEF_A071[7:0] = 0x57
0x9FFF
FIR_COEF_A071[15:8] = 0xFF
Page 7, Page 8 (PAGE_ID)
Table 212. PAGE_ID Register Definition
Page
Addresses
Default
Access
Flash Backup
0x07.
0x08,
0x00, 0x01
0x0000
R/W
No
Table 213. PAGE_ID Bit Assignments
Bits
Description
[15:0]
Page number, binary numerical format
The contents in the PAGE_ID register (see Table 212 and
Table 213) contain the current page setting, and provide a control
for selecting another page for SPI access. For example, set DIN =
0x8002 to select Page 2 for SPI-based user access. See Table 10
for the page assignments associated with each user accessible
register.
FIR Filter Bank B (FIR_COEF_B000 to FIR_COEF_B119)
Table 214. Filter Bank B Memory Map
Page
PAGE_ID
Addresses
Register
7
0x07
0x00, 0x01
PAGE_ID
7
0x07
0x02 to 0x07
Not used
7
0x07
0x08, 0x09
FIR_COEF_B000
7
0x07
0x0A, 0x0B
FIR_COEF_B001
7
0x07
0x0C to 0x7D
FIR_COEF_B002 to
FIR_COEF_B058
7
0x07
0x7E, 0x7F
FIR_COEF_B059
8
0x08
0x00, 0x01
PAGE_ID
8
0x08
0x02 to 0x07
Not used
8
0x08
0x08, 0x09
FIR_COEF_B060
8
0x08
0x0A, 0x0B
FIR_COEF_B061
8
0x08
0x0C to 0x7D
FIR_COEF_B062 to
FIR_COEF_B118
8
0x08
0x7E, 0x7F
FIR_COEF_B119
Page 9, Page 10 (PAGE_ID)
Table 215. PAGE_ID Register Definition
Page
Addresses
Default
Access
Flash Backup
0x09.
0x0A,
0x00, 0x01
0x0000
R/W
No
Table 216. PAGE_ID Bit Assignments
Bits
Description
[15:0]
Page number, binary numerical format
The contents in the PAGE_ID register (see Table 215 and
Table 216) contain the current page setting, and provide a control
for selecting another page for SPI access. For example, set DIN =
0x8002 to select Page 2 for SPI-based user access. See Table 10
for the page assignments associated with each user accessible
register.
FIR Filter Bank C (FIR_COEF_C000 to FIR_COEF_C119)
Table 217. Filter Bank C Memory Map
Page
PAGE_ID
Addresses
Register
9
0x09
0x00, 0x01
PAGE_ID
9
0x09
0x02 to 0x07
Not used
9
0x09
0x08, 0x09
FIR_COEF_C000
9
0x09
0x0A, 0x0B
FIR_COEF_C001
9
0x09
0x0C to 0x7D
FIR_COEF_C002 to
FIR_COEF_C058
9
0x09
0x7E, 0x7F
FIR_COEF_C059
10
0x0A
0x00, 0x01
PAGE_ID
10
0x0A
0x02 to 0x07
Not used
10
0x0A
0x08, 0x09
FIR_COEF_C060
10
0x0A
0x0A, 0x0B
FIR_COEF_C061
10
0x0A
0x0C to 0x7D
FIR_COEF_C062 to
FIR_COEF_C118
10
0x0A
0x7E, 0x7F
FIR_COEF_C119
Page 11, Page 12 (PAGE_ID)
Table 218. PAGE_ID Register Definition
Page
Addresses
Default
Access
Flash Backup
0x0B,
0x0C,
0x00, 0x01
0x0000
R/W
No
Table 219. PAGE_ID Bit Assignments
Bits
Description
[15:0]
Page number, binary numerical format
The contents in the PAGE_ID register (see Table 218 and
Table 219) contain the current page setting, and provide a control
for selecting another page for SPI access. For example, set DIN =
0x8002 to select Page 2 for SPI-based user access. See Table 10
for the page assignments associated with each user accessible
register.
FIR Filter Bank D (FIR_COEF_D000 to FIR_COEF_D119)
Table 220. Filter Bank D Memory Map
Page
PAGE_ID
Addresses
Register
11
0x0B
0x00, 0x01
PAGE_ID
11
0x0B
0x02 to 0x07
Not used
11
0x0B
0x08, 0x09
FIR_COEF_D000
11
0x0B
0x0A, 0x0B
FIR_COEF_D001
11
0x0B
0x0C to 0x7D
FIR_COEF_D002 to
FIR_COEF_D058
11
0x0B
0x7E, 0x7F
FIR_COEF_D059
12
0x0C
0x00, 0x01
PAGE_ID
12
0x0C
0x02 to 0x07
Not used
12
0x0C
0x08, 0x09
FIR_COEF_D060
12
0x0C
0x0A, 0x0B
FIR_COEF_D061
12
0x0C
0x0C to 0x7D
FIR_COEF_D062 to
FIR_COEF_D118
12
0x0C
0x7E, 0x7F
FIR_COEF_D119


Similar Part No. - ADIS16489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com