Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16489 Datasheet(PDF) 19 Page - Analog Devices

Part No. ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 15Page - Analog Devices ADIS16489 Datasheet HTML 16Page - Analog Devices ADIS16489 Datasheet HTML 17Page - Analog Devices ADIS16489 Datasheet HTML 18Page - Analog Devices ADIS16489 Datasheet HTML 19Page - Analog Devices ADIS16489 Datasheet HTML 20Page - Analog Devices ADIS16489 Datasheet HTML 21Page - Analog Devices ADIS16489 Datasheet HTML 22Page - Analog Devices ADIS16489 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ADIS16489
Rev. B | Page 19 of 40
X-Axis Accelerometer (X_ACCL_LOW, X_ACCL_OUT)
Table 38. X_ACCL_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x1C, 0x1D
Not applicable
R
No
Table 39. X_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer data; low word
Table 40. X_ACCL_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x1E, 0x1F
Not applicable
R
No
Table 41. X_ACCL_OUT Definitions
Bits
Description
[15:0]
X-axis accelerometer data, high word; twos
complement, ±18 g range; 0 g = 0x0000, 1 LSB = 0.8 mg
The X_ACCL_LOW (see Table 38 and Table 39) and X_ACCL_
OUT (see Table 40 and Table 41) registers contain the
accelerometer data for the x-axis.
Y-Axis Accelerometer (Y_ACCL_LOW, Y_ACCL_OUT)
Table 42. Y_ACCL_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x20, 0x21
Not applicable
R
No
Table 43. Y_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer data; low word
Table 44. Y_ACCL_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x22, 0x23
Not applicable
R
No
Table 45. Y_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer data; twos complement,
±18 g range, 0 g = 0x0000, 1 LSB = 0.8 mg
The Y_ACCL_LOW (see Table 42 and Table 43) and
Y_ACCL_ OUT (see Table 44 and Table 45) registers contain the
accelerometer data for the x-axis.
Z-Axis Accelerometer (Z_ACCL_LOW, Z_ACCL_OUT)
Table 46. Z_ACCL_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x24, 0x25
Not applicable
R
No
Table 47. Z_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer data; low word
Table 48. Z_ACCL_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x26, 0x27
Not applicable
R
No
Table 49. Z_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer data, high word; twos
complement, ±18 g range; 0 g = 0x0000, 1 LSB = 0.8 mg
The Z_ACCL_LOW (see Table 46 and Table 47) and Z_ACCL_
OUT (see Table 48 and Table 49) registers contain the accelerome-
ter data for the z-axis.
Accelerometer Resolution
Table 50 and Table 51 offer various numerical examples that
demonstrate the format of the linear acceleration data in both
16-bit and 32-bit formats.
Table 50. 16-Bit Accelerometer Data Format Examples
Acceleration
Decimal
Hex
Binary
+18 g
+20,000
0x4E20
0100 1110 0010 0000
+1.6 mg
+2
0x0002
0000 0000 0000 0010
+0.8 mg
+1
0x0001
0000 0000 0000 0001
0 mg
0
0x0000
0000 0000 0000 0000
−0.8 mg
−1
0xFFFF
1111 1111 1111 1111
−1.6 mg
−2
0xFFFE
1111 1111 1111 1110
−18 g
−20,000
0xB1E0
1011 0001 1110 0000
Table 51. 32-Bit Accelerometer Data Format Examples
Acceleration (g)
Decimal
Hex
+18
+1,310,720,000
0x4E200000
+0.0008/215
+2
0x00000002
+0.0008/216
+1
0x00000001
0
0
0x00000000
−0.0008/216
−1
0xFFFFFFFF
−0.0008/215
−2
0xFFFFFFFE
−18
−1,310,720,000
0xB1E00000
BAROMETER DATA
The barometer measures the atmospheric pressure. The
barometer has two output data registers: BAROM_LOW and
BAROM_OUT. Figure 22 illustrates how these two registers
combine to support 32-bit, twos complement data format for the
pressure measurements.
BAROMETER DATA
0 15
15
0
BAROM_OUT
BAROM_LOW
Figure 22. Barometer Output Data Structure
Barometer (BAROM_LOW, BAROM_OUT)
Table 52. BAROM_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x2E, 0x2F
Not applicable
R
No
Table 53. BAROM_LOW Bit Definitions
Bits
Description
[15:0]
Barometer data; low word


Similar Part No. - ADIS16489

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz