Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16489 Datasheet(PDF) 20 Page - Analog Devices

Part No. ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 16Page - Analog Devices ADIS16489 Datasheet HTML 17Page - Analog Devices ADIS16489 Datasheet HTML 18Page - Analog Devices ADIS16489 Datasheet HTML 19Page - Analog Devices ADIS16489 Datasheet HTML 20Page - Analog Devices ADIS16489 Datasheet HTML 21Page - Analog Devices ADIS16489 Datasheet HTML 22Page - Analog Devices ADIS16489 Datasheet HTML 23Page - Analog Devices ADIS16489 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADIS16489
Data Sheet
Rev. B | Page 20 of 40
Table 54. BAROM_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x30, 0x31
Not applicable
R
No
Table 55. BAROM_OUT Bit Definitions
Bits
Description
[15:0]
Barometer data; high word; twos complement, ±1.31
range; 0 bar = 0x0000, 1 LSB = 40μbar
The BAROM_LOW (see Table 52 and Table 53) and BAROM_
OUT (see Table 54 and Table 55) registers contain the barometer
data.
Barometer Resolution
Table 56 and Table 57 offer various numerical examples that
demonstrate the format of the pressure (barometer) data in
both 16-bit and 32-bit formats.
Table 56. 16-Bit Barometer Data Format Examples
Pressure
Decimal
Hex
Binary
+1.31068 bar
+32767
0x3FFF
0111 1111 1111 1111
+80 μbar
+2
0x0002
0000 0000 0000 0010
+40 μbar
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−40 μbar
−1
0xFFFF
1111 1111 1111 1111
−80 μbar
−2
0xFFFE
1111 1111 1111 1110
−1.31072
−32768
0x4000
1000 0000 0000 0000
Table 57. 32-Bit Barometer Data Format Examples
Pressure
Decimal
Hex
+1.31068 bar
+4,294,967,295
0x3FFFFFFF
+80 μbar ÷ 216
+2
0x00000002
+40 μbar ÷ 216
+1
0x00000001
0
0
0x00000000
−40 μbar ÷ 216
−1
0xFFFFFFFF
−80 μbar ÷ 216
−2
0xFFFFFFFE
−1.31072
−4,294,967,296
0x40000000
DELTA ANGLES
In addition to the angular rate of rotation (gyroscope) measure-
ments around each axis (x, y, and z), the ADIS16489 also provides
delta angle measurements that represent a computation of
angular displacement between each sample update.
PIN 1
PIN 23
ΔΘY
Y-AXIS
ΔΘX
X-AXIS
Z-AXIS
ΔΘZ
Figure 23. Delta Angle Axis and Polarity Assignments
The delta angle outputs represent an integration of the gyro-
scope measurements and use the following formula for all three
axes (x-axis displayed):
(
)
,
,,
D
x nD
x nD d
x nD d
d
S
f
θ
ωω
+
+−
=
=
×
+
1
1
0
1
2
where:
D is the decimation rate = DEC_RATE + 1 (see Table 159).
fS is the sample rate.
d is the incremental variable in the summation formula.
ωx is the x-axis rate of rotation (gyroscope).
n is the sample time, prior to the decimation filter.
When using the internal sample clock, fS is equal to 2460 SPS.
When using the external clock option, fS is equal to the frequency
of the external clock. The external clock frequency must be at least
700 Hz to prevent overflow in the delta angle data registers at
high rotation rates.
Each axis of the delta angle measurements has two output data
registers. Figure 24 illustrates how these two registers combine
to support a 32-bit, twos complement data format for the x-axis
delta angle measurements. This format also applies to the y-
and x-axes as well.
X-AXIS DELTA ANGLE DATA
0 15
15
0
X_DELTANG_OUT
X_DELTANG_LOW
Figure 24. Delta Angle Output Data Structure
X-Axis Delta Angle (X_DELTANG_LOW, X_DELTANG_OUT)
Table 58. X_DELTANG_LOW Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x00
0x40, 0x41
Not applicable
R
No
Table 59. X_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; low word
Table 60. X_DELTANG_OUT Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x00
0x42, 0x43
Not applicable
R
No
Table 61. X_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; twos complement, ±720° range,
0° = 0x0000, 1 LSB = 720°/215 = ~0.022°
The X_DELTANG_LOW (see Table 58 and Table 59) and
X_DELTANG_OUT (see Table 60 and Table 61) registers
contain the delta angle data for the x-axis.


Similar Part No. - ADIS16489

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz