Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16489 Datasheet(PDF) 24 Page - Analog Devices

Part # ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 20Page - Analog Devices ADIS16489 Datasheet HTML 21Page - Analog Devices ADIS16489 Datasheet HTML 22Page - Analog Devices ADIS16489 Datasheet HTML 23Page - Analog Devices ADIS16489 Datasheet HTML 24Page - Analog Devices ADIS16489 Datasheet HTML 25Page - Analog Devices ADIS16489 Datasheet HTML 26Page - Analog Devices ADIS16489 Datasheet HTML 27Page - Analog Devices ADIS16489 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADIS16489
Data Sheet
Rev. B | Page 24 of 40
X-AXIS
GYRO
FACTORY
CALIBRATION
AND
FILTERING
X_GYRO_OUT
X_GYRO_LOW
XG_BIAS_HIGH
XG_BIAS_LOW
1 + X_GYRO_SCALE
Figure 27. User Calibration Signal Path, Gyroscopes
Calibration, Gyroscope Scale (Y_GYRO_SCALE)
Table 98. Y_GYRO_SCALE Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x06, 0x07
0x0000
R/W
Yes
Table 99. Y_GYRO_SCALE Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
The Y_GYRO_SCALE register (see Table 98 and Table 99)
allows users to adjust the scale factor for the y-axis gyroscopes.
This register influences the y-axis gyroscope measurements in
the same manner that X_GYRO_SCALE influences the x-axis
gyroscope measurements (see Figure 27).
Calibration, Gyroscope Scale (Z_GYRO_SCALE)
Table 100. Z_GYRO_SCALE Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x08, 0x09
0x0000
R/W
Yes
Table 101. Z_GYRO_SCALE Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
The Z_GYRO_SCALE register (see Table 100 and Table 101)
allows users to adjust the scale factor for the z-axis gyroscopes.
This register influences the z-axis gyroscope measurements in the
same manner that X_GYRO_SCALE influences the x-axis
gyroscope measurements (see Figure 27).
Calibration, Accelerometer Scale (X_ACCL_SCALE)
Table 102. X_ACCL_SCALE Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x0A, 0x0B
0x0000
R/W
Yes
Table 103. X_ACCL_SCALE Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
The X_ACCL_SCALE register (see Table 102 and Table 103)
allows users to adjust the scale factor for the x-axis accelerometers.
See Figure 28 for an illustration of how this scale factor influences
the x-axis accelerometer data.
X-AXIS
ACCL
FACTORY
CALIBRATION
AND
FILTERING
X_ACCL_OUT
X_ACCL_LOW
XA_BIAS_HIGH
XA_BIAS_LOW
1 + X_ACCL_SCALE
Figure 28. User Calibration Signal Path, Accelerometers
Calibration, Accelerometer Scale (Y_ACCL_SCALE)
Table 104. Y_ACCL_SCALE Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x0C, 0x0D
0x0000
R/W
Yes
Table 105. Y_ACCL_SCALE Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
The Y_ACCL_SCALE register (see Table 104 and Table 105)
allows users to adjust the scale factor for the y-axis accelerometers.
This register influences the y-axis accelerometer measurements
in the same manner that the X_ACCL_SCALE influences the
x-axis accelerometer measurements (see Figure 28).
Calibration, Accelerometer Scale (Z_ACCL_SCALE)
Table 106. Z_ACCL_SCALE Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x0E, 0x0F
0x0000
R/W
Yes
Table 107. Z_ACCL_SCALE Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.003052%
The Z_ACCL_SCALE register (see Table 106 and Table 107)
allows users to adjust the scale factor for the z-axis accelerometers.
This register influences the z-axis accelerometer measurements in
the same manner that the X_ACCL_SCALE influences the x-axis
accelerometer measurements (see Figure 28).
Calibration, Gyroscope Bias (XG_BIAS_LOW,
XG_BIAS_HIGH)
Table 108. XG_BIAS_LOW Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x10, 0x11
0x0000
R/W
Yes
Table 109. XG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction, low word
Table 110. XG_BIAS_HIGH Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x12, 0x13
0x0000
R/W
Yes
Table 111. XG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction, high word twos
complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec


Similar Part No. - ADIS16489

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com