Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16489 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 21Page - Analog Devices ADIS16489 Datasheet HTML 22Page - Analog Devices ADIS16489 Datasheet HTML 23Page - Analog Devices ADIS16489 Datasheet HTML 24Page - Analog Devices ADIS16489 Datasheet HTML 25Page - Analog Devices ADIS16489 Datasheet HTML 26Page - Analog Devices ADIS16489 Datasheet HTML 27Page - Analog Devices ADIS16489 Datasheet HTML 28Page - Analog Devices ADIS16489 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADIS16489
Rev. B | Page 25 of 40
The XG_BIAS_LOW (see Table 108 and Table 109) and XG_
BIAS_HIGH (see Table 110 and Table 111) registers combine
to allow users to adjust the bias of the x-axis gyroscopes. Table 36
and Table 37 offer numerous examples of this data format, in
both 16-bit and 32-bit formats. See Figure 27 for an illustration
of how these two registers combine and influence the x-axis
gyroscope measurements.
Calibration, Gyroscope Bias (YG_BIAS_LOW,
YG_BIAS_HIGH)
Table 112. YG_BIAS_LOW Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x14, 0x15
0x0000
R/W
Yes
Table 113. YG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction, low word
Table 114. YG_BIAS_HIGH Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x16, 0x17
0x0000
R/W
Yes
Table 115. YG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction, high word; twos
complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
The YG_BIAS_LOW (see Table 112 and Table 113) and YG_
BIAS_HIGH (see Table 114 and Table 115) registers combine
to allow users to adjust the bias of the y-axis gyroscopes. Table 36
and Table 37 offer numerous examples of this data format, in
both 16-bit and 32-bit formats. See Figure 27 for an illustration
of how these two registers combine and influence the y-axis
gyroscope measurements.
Calibration, Gyroscope Bias (ZG_BIAS_LOW,
ZG_BIAS_HIGH)
Table 116. ZG_BIAS_LOW Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x18, 0x19
0x0000
R/W
Yes
Table 117. ZG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope offset correction, low word
Table 118. ZG_BIAS_HIGH Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x1A, 0x1B
0x0000
R/W
Yes
Table 119. ZG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope offset correction, high word twos
complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
The ZG_BIAS_LOW (see Table 116 and Table 117) and ZG_
BIAS_HIGH (see Table 118 and Table 119) registers combine
to allow users to adjust the bias of the z-axis gyroscopes. Table 36
and Table 37 offer numerous examples of this data format, in
both 16-bit and 32-bit formats. See Figure 27 for an illustration
of how these two registers combine and influence the z-axis
gyroscope measurements.
Calibration, Accelerometer Bias (XA_BIAS_LOW,
XA_BIAS_HIGH)
Table 120. XA_BIAS_LOW Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x1C, 0x1D
0x0000
R/W
Yes
Table 121. XA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer offset correction, low word
Table 122. XA_BIAS_HIGH Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x1E, 0x1F
0x0000
R/W
Yes
Table 123. XA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer offset correction, high word,
twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
The XA_BIAS_LOW (see Table 120 and Table 121) and XA_
BIAS_HIGH (see Table 122 and Table 123) registers combine
to allow users to adjust the bias of the x-axis accelerometers.
Table 50 and Table 51 offer numerous examples of data format,
in both 16-bit and 32-bit formats. See Figure 28 for an illustration
of how these two registers combine and influence the x-axis
accelerometer measurements.
Calibration, Accelerometer Bias (YA_BIAS_LOW,
YA_BIAS_HIGH)
Table 124. YA_BIAS_LOW Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x20, 0x21
0x0000
R/W
Yes
Table 125. YA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer offset correction, low word
Table 126. YA_BIAS_HIGH Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x02
0x22, 0x23
0x0000
R/W
Yes
Table 127. YA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer offset correction, high word,
twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
The YA_BIAS_LOW (see Table 124 and Table 125) and YA_
BIAS_HIGH (see Table 126 and Table 127) registers combine
to allow users to adjust the bias of the y-axis accelerometers.
Table 50 and Table 51 offer numerous examples of data format,
in both 16-bit and 32-bit formats. See Figure 28 for an illustration


Similar Part No. - ADIS16489

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com