Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9952 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9952
Description  10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9952 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9952 Datasheet HTML 1Page - NXP Semiconductors TDA9952 Datasheet HTML 2Page - NXP Semiconductors TDA9952 Datasheet HTML 3Page - NXP Semiconductors TDA9952 Datasheet HTML 4Page - NXP Semiconductors TDA9952 Datasheet HTML 5Page - NXP Semiconductors TDA9952 Datasheet HTML 6Page - NXP Semiconductors TDA9952 Datasheet HTML 7Page - NXP Semiconductors TDA9952 Datasheet HTML 8Page - NXP Semiconductors TDA9952 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2002 Aug 21
2
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V, 25 Msps analog-to-digital
interface for CCD cameras
TDA9952
FEATURES
• Sample rate = 25 Msps;10-bit resolution
• Single 3.0 V supply operation (2.2 to 3.6 V operation for
the digital outputs)
• Low power consumption: only 115 mW at 2.7 V
• Power consumption in standby mode: 4.5 mW
(typical value)
• Programmable gain amplifier:
gain range = 36 dB in 0.1 dB steps
• Correlated double sampling
• Internal input buffer for the correlated double sampling
• Fully programmable via a 3-wire serial interface
• 8-bit DAC included for external analog settings
• TTL-compatible inputs and CMOS-compatible outputs.
APPLICATIONS
• Video camcorders
• Digital still cameras
• PC-cameras.
GENERAL DESCRIPTION
The TDA9952 is a 10-bit analog-to-digital interface for
CCD cameras. The device consists of a Correlated Double
Sampling (CDS) circuit, a digitally Programmable Gain
Amplifier (PGA), a black level clamp and a 10-bit
Analog-to-Digital Converter (ADC).
An internal CDS input buffer is incorporated in order to
avoid using an external buffer that would consume more
power and therefore optimizing the application for low
noise, low power working.
The PGA gain, the ADC clamp level and other settings are
controlled via a 3-wire serial digital interface.
An additional DAC is provided for system controls.
The TDA9952 operates from a single 3 V power supply
(2.7 V minimum) and dissipates 135 mW (typical value).
ORDERING INFORMATION
TYPE NUMBER
PACKAGES
NAME
DESCRIPTION
VERSION
TDA9952HL
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
TDA9952HN
HVQFN48
plastic, heatsink very thin quad flat package; no leads;
48 terminals; body 7
× 7 × 0.85 mm
SOT619-1


Similar Part No. - TDA9952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

Similar Description - TDA9952

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com